Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25CD025-JNLE Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25CD025-JNLE
Description  256Kbit Single Operating Voltage Serial Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25CD025-JNLE Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25CD025-JNLE Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25CD025-JNLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
IS25CD025
Integrated Silicon Solution, Inc.- www.issi.com
Rev. G
07/31/2013
4
SPI MODES DESCRIPTION
Multiple IS25CD025 devices can be connected on the
SPI serial bus and controlled by a SPI Master, i.e.
microcontroller, as shown in Figure 1. The devices
support either of two SPI modes:
Mode 0 (0, 0)
Mode 3 (1, 1)
The difference between these two modes is the clock
polarity when the SPI master is in Stand-by mode: the
serial clock remains at “0” (SCK = 0) for Mode 0 and
the clock remains at “1” (SCK = 1) for Mode 3. Please
refer to Figure 2. For both modes, the input data is
latched on the rising edge of Serial Clock (SCK), and
the output data is available from the falling edge of
SCK.
Figure 1. Connection Diagram among SPI Master and SPI Slaves (Memory Devices)
Figure 2. SPI Modes Supported
MSb
MSb
SCK
SCK
SO
SIO
Input mode
Mode 0 (0, 0)
Mode 3 (1, 1)
SPI Master
(i.e. Microcontroller)
CS3
CS2
CS1
SPI Memory
Device
SPI Memory
Devic
e
SPI Memory
Device
SPI Interface with
(0,0) or (1,1)
SDIO
SDI
SCK
SCK
SCK
SCK
SO
SO
SO
SIO
SIO
SIO
CE#
CE#
CE#
WP#
WP#
WP#
HOLD#
HOLD#
HOLD#
Note: 1. The Write Protect (WP#) and Hold (HOLD#) signals should be driven high or low as
appropriate.


Similar Part No. - IS25CD025-JNLE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
More results

Similar Description - IS25CD025-JNLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LD256C ISSI-IS25LD256C Datasheet
321Kb / 33P
   256Kbit Single Operating Voltage Serial Flash Memory
IS25LQ032C ISSI-IS25LQ032C Datasheet
630Kb / 54P
   32Mbit Single Operating Voltage Serial Flash Memory With
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
   4 Mbit Single Operating Voltage Serial Flash Memory
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
IS25LQ080 ISSI-IS25LQ080 Datasheet
1Mb / 54P
   8 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25WD020 ISSI-IS25WD020 Datasheet
764Kb / 35P
   2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
ON Semiconductor
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
   Serial Flash Memory
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com