Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2010F Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31AP2010F
Description  2.8W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2010F Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2010F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2010F Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IS31AP2010F
Integrated Silicon Solution, Inc. – www.issi.com
Rev. B, 02/19/2014
7
TYPICAL PERFORMANCE CHARACTERISTIC
Output Power(W)
20
0.1
0.2
0.5
1
2
5
10
10m
20m
50m
100m
200m
500m
12
RL= 8Ω+33µH
f = 1kHz
VCC = 3.6V
VCC = 4.2V
VCC = 5.0V
Figure 3
THD+N vs. Output Power
Frequency(Hz)
0.05
10
5
2
1
0.5
0.2
0.1
20
50
100
200
500
1k
2k
5k
20k
0.02
0.01
RL = 8Ω+33µH
VCC = 3.6V(Po = 0.45W)
VCC = 4.2V(Po = 0.65W)
VCC = 5.0V(Po = 0.9W)
Figure 5
THD+N vs. Frequency
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency(Hz)
-120
+0
-100
-80
-60
-40
-20
VCC = 3.6V~5.0V
RL= 8Ω+33µH
Input Grounded
Figure 7
PSRR
Output Power(W)
20
0.1
0.2
0.5
1
2
5
10
10m
3
20m
50m
100m 200m
500m
12
4
RL= 4Ω+33µH
f = 1kHz
VCC = 3.6V
VCC = 4.2V
VCC = 5.0V
Figure 4
THD+N vs. Output Power
Frequency(Hz)
0.05
10
5
2
1
0.5
0.2
0.1
20
50
100
200
500
1k
2k
5k
20k
0.02
0.01
RL = 4Ω+33µH
VCC = 3.6V(Po = 0.6W)
VCC = 4.2V(Po = 0.9W)
VCC = 5.0V(Po = 1.2W)
Figure 6
THD+N vs. Frequency
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency(Hz)
10
200
20
30
50
70
100
VCC = 3.6V~5.0V
RL= 4Ω, 8Ω
Figure 8
Noise


Similar Part No. - IS31AP2010F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
   3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
   3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
   MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2010F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
   3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
   3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
IS31AP2145A-UTLS2-TR ISSI-IS31AP2145A-UTLS2-TR Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_07 Datasheet
606Kb / 46P
   2.8W filter-free mono class D audio power amplifier
logo
Integrated Silicon Solu...
IS31AP2010E ISSI-IS31AP2010E Datasheet
198Kb / 7P
   MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005 ISSI-IS31AP2005 Datasheet
544Kb / 16P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2005-SLS2-TR ISSI-IS31AP2005-SLS2-TR Datasheet
395Kb / 19P
   2.95W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2145A ISSI-IS31AP2145A Datasheet
501Kb / 14P
   2.9W@5.0V MONO CLIP-LESS & FILTER-LESS CLASS-D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com