Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31BL3233A Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31BL3233A
Description  2MHz, 1.5A FLASH/TORCH LED DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3233A Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31BL3233A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31BL3233A Datasheet HTML 13Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IS31BL3233A
Integrated Silicon Solution, Inc. – www.issi.com
11
Rev. 0C, 09/11/2014
LED SHORT PROTECTION
When the IS31BL3233A is enabled, there is a 2.5mA
(Typ.) LED sensing current through each current sink. It
is used to detect whether either LED is shorted by
generating a voltage drop through each LED. The IC
internally compares the voltage difference between
VOUT and each sink node (D1 and D2). If this
difference is below a preset threshold (Typ. 1.7V), the
IC will treat the respective LED as shorted and disable
its Flash/Torch Mode current through this LED channel.
However, the 2.5mA sensing current will be kept to
generate the LED’s voltage drop. If the short circuit is
removed during operation, the channel will
automatically recover to the programmed current
setting.
LED OPEN PROTECTION
In case of LED open, the open channel will control the
loop first so that VOUT will reach OVP, then
IS31BL3233A will automatically detect which channel’s
LED is open and disable that channel. From that point,
the other channel with properly operating LED will
control the loop and VOUT will be regulated down to a
normal operating voltage. This protection feature
avoids unnecessary power consumption in the current
sink by regulating the output voltage at the lowest level
possible to maintain regulation for the active channel.
Not only does this protect from open LEDs failures, but
also allows only single flash LED operation with the
unused channel floating or open. Open-circuit LED fault
protection is reset when the IC is powered down and up
again.
INDUCTOR SELECTION
The IS31BL3233A is designed to use a 1.0μH to
4.7μH inductor. To prevent core saturation, ensure that
the inductor-saturation current rating exceeds the peak
inductor current for the application. The worst-case
peak inductor current can be calculated with the
following formula:
L
t
V
V
I
V
I
MAX
ON
MIN
IN
MIN
IN
MAX
LED
MAX
OUT
L
PEAK
2
8
.
0
)
(
)
(
)
(
)
(
)
(
)
(
(3)
where 0.8 is the estimated efficiency of 80%.
For example, for a 1.0A total (or 0.5A per channel) LED
current, the peak inductor current for a 1.0uH inductor
could be as high as (estimated 50% as the maximum
duty ratio at the minimum input voltage, maximum LED
forward voltage and maximum load current conditions):
A
V
V
A
V
I
L
PEAK
9
.
1
1
2
25
.
0
5
.
3
5
.
3
8
.
0
1
4
)
(
If the inductor value is smaller, the inductor peak
current will increase. To maintain stable operations for
the boost converter, the inductor peak current must be
less than both the IS31BL3233A current limit threshold
and the inductor saturation current rating.
Manufacturer’s specifications of inductors list both the
inductor DC current rating, which is a thermal limitation,
and peak inductor current rating, which is determined
by the saturation characteristics. Measurements at full
load and high ambient temperature should be
performed to ensure that the inductor does not saturate
or overheat due to its parasitic resistance. Bench
measurements are recommended to confirm actual
inductor peak current IPEAK and to ensure that the
inductor does not saturate at maximum LED current
and minimum input supply voltage.
CAPACITOR SELECTION
For good input voltage filtering low ESR ceramic
capacitors are recommended. At least a 2.2μF input
capacitor is recommended for high current flash LEDs
to improve transient behavior of the regulator and EMI
behavior of the total power supply circuit. The input
capacitor should be placed as close as possible to the
input pin and the PGND pin of the IS31BL3233A.
The output capacitance required depends on the
required LED current. A 4.7μF ceramic capacitor works
well in most situations, but a 1.0μF capacitor is
acceptable for lower LED current conditions.
PCB LAYOUT
Due to the fast switching transitions and high-current
paths, careful PC board layout is required. Connect
AGND pin directly to the exposed paddle underneath
the IC; connect the exposed paddle to the PCB ground
plane. The output bypass capacitor should be placed
as close to the IC as possible. Minimize trace lengths
between the IC and the inductor, the input capacitor,
and the output capacitor; keep these traces short,
direct, and wide. The ground connections of CIN and
COUT should be as close together as possible and
connected to PGND.


Similar Part No. - IS31BL3233A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
   8 CHANNELS CONSTANT CURRENT LED DRIVER
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
   FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
   FLASH LED DRIVER
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
   FLASH LED DRIVER
More results

Similar Description - IS31BL3233A

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
   200mA Flash/Torch LED Driver
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
   Xenon Flash Controller & LED Torch Driver
logo
Monolithic Power System...
EV0062 MPS-EV0062 Datasheet
155Kb / 4P
   1.3MHz Low Power LED Torch/Flash Driver
EV1527DR-02A MPS-EV1527DR-02A Datasheet
199Kb / 5P
   1.3MHz Low Power LED Torch/Flash Driver
logo
Kinetic Technologies.
KTD2692 KINETIC-KTD2692 Datasheet
143Kb / 2P
   2MHz, 1.5A Flash LED Driver with Low-Vin Protection in TDFN
February 2018 - Revision 04a
KTD2694 KINETIC-KTD2694 Datasheet
670Kb / 17P
   2MHz, 1.5A Flash LED Driver with Low-Vin Protection in UDFN
November 2018 - Revision 04b
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com