Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH12F-34S-0.5SH Datasheet(PDF) 4 Page - Hirose Electric

Part # FH12F-34S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12F-34S-0.5SH Datasheet(HTML) 4 Page - Hirose Electric

  FH12F-34S-0.5SH Datasheet HTML 1Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 2Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 3Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 4Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 5Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 6Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 7Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 8Page - Hirose Electric FH12F-34S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Operation
Precautions
9
BConnector Operating Instructions, precautions and recommendations
qBottom Contact Type (common for 0.5mm/1mm)
1. FPC/FFC Termination procedure.
Connector installed on the board.
1) Lift up the actuator. Use thumb or index finger.
1) Avoid grasping the actuator with two fingers or lift-
ing the actuator with fingernail.
2) Rotate down the actuator until firmly closed.
It is critical that the inserted FPC/FFC is not moved
and remains fully inserted. Should the FPC/FFC be
moved, open the actuator and repeat the process,
starting with Step 1 above.
2) Fully insert the FPC/FFC parallel to mounting sur-
face, with the exposed conductive traces facing
down.
2. FPC/FFC Removal
1) Lift up the actuator.
2) Carefully remove the FPC/FFC.
3) Due to the structure of the connectors, they do
not have strong resistance to upward pulling;
therefore, support the FPC/FFC when a pulling
force is applied to it.
Stiffener
FPC/FFC conductive traces


Similar Part No. - FH12F-34S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12F-34S-0.5SH HIROSE-FH12F-34S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12F-34S-0.5SH HIROSE-FH12F-34S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12F-34S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com