Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS32LT3120 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS32LT3120
Description  DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS32LT3120 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS32LT3120 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IS32LT3120
Integrated Silicon Solution, Inc. – www.issi.com
Rev.0A, 08/15/2014
1
DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
Preliminary Information
August 2014
GENERAL DESCRIPTION
The IS32LT3120 is a linear programmable current
regulator consisting of 2 output channels capable of up
to 200mA each. Each channel features an ON/OFF
input pin to toggle the channel between the OFF
condition and the source condition.
A single external resistor programs the current level for
both of the channels, while a separate, single resistor
programs the fade in and fade out rate for both
channels.
The device integrates a 63 steps fade in and fade out
algorithm (Gamma correction) which causes the output
LED current to gradually ramp up to the full source
value after the channel’s control pin is pulsed. The
same controller causes the LED current to gradually
ramp down to zero if the channel’s input control pin is
pulsed while the output channel is on. The LED current
output can be controlled by a momentary contact
switch or logic level signal.
The IS32LT3120 is targeted at the automotive market
with end applications to include map and dome lighting
as well as exterior accent lighting. For 12V automotive
applications the low dropout driver can support 1 to 3
LEDs per channel. It is offered in a small thermally
enhanced SOP-8-EP packages.
FEATURES
Dual output channels can source up to 200mA
each
Independent on/off control for each channel
-Inputs are debounced
Programmable current via a single external
resistor
Programmable fade in, fade out via external
resistor
- Pull down resistor value sets fade speed
- Gamma corrected fade in/out algorithm
Fault Protection:
- LED string shorted to GND
- Over temperature
SOP-8-EP packages
Automotive Grade - AEC-Q100 (pending)
Operating temperature range from -40°C ~ +125°C
APPLICATIONS
Automotive Interior:
- Map light
- Dome lighting
- Puddle lamp in doors
- Glove box
- Vanity mirror
TYPICAL APPLICATION CIRCUIT
Figure 1
Typical Application Circuit


Similar Part No. - IS32LT3120

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3170 ISSI-IS32LT3170 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3170-STLA3-TR ISSI-IS32LT3170-STLA3-TR Datasheet
442Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3171 ISSI-IS32LT3171 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3172 ISSI-IS32LT3172 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3173 ISSI-IS32LT3173 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
More results

Similar Description - IS32LT3120

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3174 ISSI-IS32LT3174 Datasheet
449Kb / 16P
   SINGLE CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
National Semiconductor ...
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
   1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
logo
Texas Instruments
DAC43901-Q1 TI1-DAC43901-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   DAC4390x-Q1 Automotive Smart DACs for Logarithmic Fade-In Fade-Out and Sequential Turn Animation With I2C, SPI, GPIO, and PWM Interfaces
SEPTEMBER 2023
logo
Productwell Precision E...
S711VB1 PRODUCTWELL-S711VB1_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S61101 PRODUCTWELL-S61101_14 Datasheet
121Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S312HC PRODUCTWELL-S312HC_14 Datasheet
140Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S511HC PRODUCTWELL-S511HC_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712FD1 PRODUCTWELL-S712FD1_14 Datasheet
135Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712HA1 PRODUCTWELL-S712HA1_14 Datasheet
131Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com