Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS32LT3953 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS32LT3953
Description  CONSTANT-CURRENT 3-AMPERE PWM DIMMABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS32LT3953 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS32LT3953 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IS32LT3953
Integrated Silicon Solution, Inc. – www.issi.com
8
Rev. 00A, 11/29/2013
The minimum output voltage depends on minimum tON
and switching frequency. For example, if the minimum
tON = 150ns and fSW = 1MHz, then the minimum duty
cycle is 15%. That means with VIN = 24V, the minimum
VOUT = 3.2V (one LED).
To a lesser degree, the output voltage is also affected
by other factors such as LED current, on-resistance of
the high-side switch, DCR of the inductor, and forward
drop of the low-side diode.
As a general rule, switching at lower frequencies
allows a wider range of VOUT, and hence more flexible
LED configurations. This is shown in graph below
which shows how the minimum and maximum output
voltages vary with LED current (assuming RDS_ON =
0.4Ω, inductor DCR = 0.1Ω, and diode VF = 0.6 V).
Figure 3
Minimum and Maximum Output Voltage versus Switching
Frequency (V
IN = 24V, ILED = 2A, minimum t
ON and tOFF = 150ns)
If the required output voltage is lower than that
permitted by the minimum tON, the controller will
automatically extend the tOFF, in order to maintain the
correct duty cycle. This means that the switching
frequency will drop lower when necessary, while the
LED current is kept in regulation at all times.
Fault Handling
The IS32LT3953 is designed to handle the following
faults:
Pin-to-ground short
Pin-to-neighboring pin short
Pin open
External component open or short
Output short to GND
The SW pin overcurrent protection is tripped at around
3.75 A, and the part shuts down immediately. The part
then goes through startup retry after approximately
380μs of cool-down period.
THERMAL BUDGETING
The IS32LT3953 is capable of supplying a 3A current
through its high-side switch. However, depending on
the duty cycle, the conduction loss in the high-side
switch may cause the package to overheat. Therefore
care must be taken to ensure the total power loss of
package is within budget. For example, if the maximum
temperature rise allowed is ∆T = 50K at the device
case surface, then the maximum power dissipation of
the IC is 1.4 W. Assuming the maximum RDS(on) = 0.4Ω
and a duty cycle of 85%, then the maximum LED
current is limited to 2A approximately. At a lower duty
cycle, the LED current can be higher.


Similar Part No. - IS32LT3953

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3120 ISSI-IS32LT3120 Datasheet
467Kb / 14P
   DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
IS32LT3170 ISSI-IS32LT3170 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3170-STLA3-TR ISSI-IS32LT3170-STLA3-TR Datasheet
442Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3171 ISSI-IS32LT3171 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3172 ISSI-IS32LT3172 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
More results

Similar Description - IS32LT3953

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6211 ALLEGRO-A6211 Datasheet
614Kb / 17P
   Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
List of Unclassifed Man...
LED39WPR-056-C0700-BD ETC2-LED39WPR-056-C0700-BD Datasheet
933Kb / 4P
   Dimmable Constant Current Driver
logo
Maxic Technology Corpor...
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
   Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7658H MAXIC-MT7658H Datasheet
456Kb / 1P
   High PF, Dual Path, PWM Dimmable Linear Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com