Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIF2C-40DT-1.27R Datasheet(PDF) 1 Page - Hirose Electric

Part # HIF2C-40DT-1.27R
Description  Staggered Connector Directly Mounted on Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF2C-40DT-1.27R Datasheet(HTML) 1 Page - Hirose Electric

  HIF2C-40DT-1.27R Datasheet HTML 1Page - Hirose Electric HIF2C-40DT-1.27R Datasheet HTML 2Page - Hirose Electric HIF2C-40DT-1.27R Datasheet HTML 3Page - Hirose Electric HIF2C-40DT-1.27R Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B61
Staggered Connector Directly Mounted on Board
HIF2C Series
s Features
1. Directly Mounted on Board
This connector can be directly mounted on the board
using 1.27mm pitch flat cable.
2. Variation in Number of Contacts
The number of contacts contains 10, 16, 20, 26, 30, 34,
40, 50, and 60 contacts.
3. Low Profile Type
The connector height is lower than that of the HIF2E series.
4. Applicable Cable
The applicable cable is UL2651 AWG
#28 flat cable (7
cores./0.127mm, jacket dia. :0.8 to 1.0mm).
Rating
Current rating: 1A
Voltage rating: 200V AC
Operating Temperature Range:–55 to +85ç (Note 1)
Operating Moisture Range:40 to 80%
Storage Temperature Range:–10 to +60ç(Note 2)
Storage Humidity Range:40 to 70% (Note 2)
s Product Specifications
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
s Material
Part
Material
Finish
Remarks
Insulator
Contact
PBT
Beryllium copper
Black
UL94V-0
s Ordering Information
HIF2C
- * DT - 1.27 R (S)
1
2
4
3
Series Name: HIF 2C
Number of contacts: 10, 16, 20, 26, 30, 34, 40, 50, and 60
Contact alignment: DT : staggered
Contact Pitch: 1.27mm
Connection type : R : ribbon cable
S : Tin plating
1
2
3
s Applications
Computers, terminal equipment, PPC, various kinds of electronic equipment, business machines, etc.
---------------
Gold plated
Tin plated
Contact area
Connection area
5
6
4
5
6
500V DC
650V AC/1 minute
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
Flow: 260ç for 10 seconds
Manual soldering: 300ç for 3 seconds
(–65ç: 30 minutes ➝15 to 35ç: 5 minutes max.
125ç: 30 minutes ➝15 to 35ç: 5 minutes max.) 5 cycles
1000M ohms min.
No flashover or insulation breakdown.
15m ohms max.
No electrical discontinuity of 1µs or more
Insulation resistance: 1000M ohms min.
No deformation of components affecting performance.
No damage, cracks, or parts looseness.
1. Insulation Resistance
2. Withstanding voltage
3. Contact Resistance
4. Vibration
5.
Humidity (Steady state)
7. Resistance to
Soldering heat
6. Temperature Cycle
Item
Specification
Condition


Similar Part No. - HIF2C-40DT-1.27R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF2B-10D-2.54RA HIROSE-HIF2B-10D-2.54RA Datasheet
212Kb / 5P
   HIF2B SERIES DIP PLUG
HIF2B-10D-2.54RB HIROSE-HIF2B-10D-2.54RB Datasheet
212Kb / 5P
   HIF2B SERIES DIP PLUG
HIF2B-10D-2.54RSA HIROSE-HIF2B-10D-2.54RSA Datasheet
212Kb / 5P
   HIF2B SERIES DIP PLUG
HIF2B-10D-2.54RSB HIROSE-HIF2B-10D-2.54RSB Datasheet
212Kb / 5P
   HIF2B SERIES DIP PLUG
HIF2B-14-2.54RA HIROSE-HIF2B-14-2.54RA Datasheet
212Kb / 5P
   HIF2B SERIES DIP PLUG
More results

Similar Description - HIF2C-40DT-1.27R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF2E-10D-2.54RB HIROSE-HIF2E-10D-2.54RB Datasheet
127Kb / 4P
   2.54mm Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
   Crimping Contact Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
236Kb / 7P
   2mm Pitch Connector Directly Mounted on Board
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com