Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45R86400D Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS45R86400D
Description  Internal bank for hiding row access/precharge
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45R86400D Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS45R86400D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45R86400D Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
08/29/2012
IS42/45R86400D/16320D/32160D, IS42/45S86400D/16320D/32160D
PIN CONFIGURATION
PACKAGECODE:B90BALLTF-BGA(TopView)(8.00mmx13.00mmBody,0.8mmBallPitch)
1 2 3 4 5 6 7 8 9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
DQ26
DQ28
VSSQ
VSSQ
VDDQ
VSS
A4
A7
CLK
DQM1
VDDQ
VSSQ
VSSQ
DQ11
DQ13
DQ24
VDDQ
DQ27
DQ29
DQ31
DQM3
A5
A8
CKE
NC
DQ8
DQ10
DQ12
VDDQ
DQ15
VSS
VSSQ
DQ25
DQ30
NC
A3
A6
A12
A9
NC
VSS
DQ9
DQ14
VSSQ
VSS
VDD
VDDQ
DQ22
DQ17
NC
A2
A10
NC
BA0
CAS
VDD
DQ6
DQ1
VDDQ
VDD
DQ23
VSSQ
DQ20
DQ18
DQ16
DQM2
A0
BA1
CS
WE
DQ7
DQ5
DQ3
VSSQ
DQ0
DQ21
DQ19
VDDQ
VDDQ
VSSQ
VDD
A1
A11
RAS
DQM0
VSSQ
VDDQ
VDDQ
DQ4
DQ2
PIN DESCRIPTIONS
A0-A12
Row Address Input
A0-A8
Column Address Input
BA0,BA1
BankSelectAddress
DQ0toDQ31
DataI/O
CLK
SystemClockInput
CKE
ClockEnable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
DQM0-DQM3
x32Input/OutputMask
Vdd
Power
Vss
Ground
Vddq
PowerSupplyforI/OPin
Vssq
GroundforI/OPin
NC
No Connection


Similar Part No. - IS45R86400D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45R86400F ISSI-IS45R86400F Datasheet
1Mb / 68P
   8K refresh cycles every 64 ms
More results

Similar Description - IS45R86400D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16402J ISSI-IS42S16402J Datasheet
1Mb / 61P
   Internal bank for hiding row access/precharge
IS42S32800J ISSI-IS42S32800J Datasheet
1Mb / 60P
   Internal bank for hiding row access/precharge
IS42VS16400L ISSI-IS42VS16400L Datasheet
717Kb / 56P
   Internal bank for hiding row access/precharge
IS43R83200F ISSI-IS43R83200F Datasheet
1Mb / 32P
   Auto Precharge
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
logo
Alliance Semiconductor ...
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
Texas Instruments
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com