Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16320F Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS45S16320F
Description  8K refresh cycles every 64 ms
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16320F Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS45S16320F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS45S16320F Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00A
11/5/2013
IS42/45R86400F/16320F/32160F, IS42/45S86400F/16320F/32160F
PIN FUNCTIONS
Symbol
Type
Function (In Detail)
A0-A12
Input Pin
AddressInputs:A0-A12aresampledduringtheACTIVEcommand(row-address
A0-A12)andREAD/WRITEcommand(columnaddressA0-A9,A11(x8);A0-A9
(x16); A0-A8 (x32); with A10 defining auto precharge) to select one location out of
thememoryarrayintherespectivebank.A10issampledduringaPRECHARGE
commandtodetermineifallbanksaretobeprecharged(A10HIGH)orbank
selectedbyBA0,BA1(LOW).Theaddressinputsalsoprovidetheop-codeduringa
LOADMODEREGISTERcommand.
BA0,BA1
Input Pin
BankSelectAddress:BA0andBA1defineswhichbanktheACTIVE,READ,WRITE
orPRECHARGEcommandisbeingapplied.
CAS
Input Pin
CAS
, in conjunction with the RAS and WE, forms the device command. See the
"CommandTruthTable"fordetailsondevicecommands.
CKE
Input Pin
TheCKEinputdetermineswhethertheCLKinputisenabled.Thenextrisingedge
oftheCLKsignalwillbevalidwhenisCKEHIGHandinvalidwhenLOW.WhenCKE
isLOW,thedevicewillbeineitherpower-downmode,clocksuspendmode,orself
refresh mode. CKEisan asynchronous input.
CLK
Input Pin
CLKisthemasterclockinputforthisdevice.ExceptforCKE,allinputstothisdevice
are acquired in synchronization with the rising edge of this pin.
CS
Input Pin
TheCS input determines whether command input is enabled within the device.
Command input is enabled when CSisLOW,anddisabledwithCSisHIGH.The
device remains in the previous state when CSisHIGH.
DQM: x8
Input Pin
DQxpinscontrolthebytesoftheI/Obuffers.Forexamplewithx16,inreadmode,
DQML,DQMH:x16
DQMLandDQMHcontroltheoutputbuffer.WhenDQMLorDQMHisLOW,the
DQM0-DQM3:x32
correspondingbufferbyteisenabled,andwhenHIGH,disabled.Theoutputsgoto
theHIGHimpedancestatewhenDQML/DQMHisHIGH.Thisfunctioncorresponds
to OEinconventionalDRAMs.Inwritemode,DQMLandDQMHcontroltheinput
buffer.WhenDQMLorDQMHisLOW,thecorrespondingbufferbyteisenabled,
anddatacanbewrittentothedevice.WhenDQMLorDQMHisHIGH,inputdatais
masked and cannot be written to the device.
DQ0-DQ7:x8
Input/Output
DataontheDataBusislatchedonDQpinsduringWritecommands,andbufferedfor
DQ0-DQ15: x16
output after Read commands.
DQ0-DQ31: x32
RAS
Input Pin
RAS
, in conjunction with CAS and WE, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
WE
Input Pin
WE
, in conjunction with RAS and CAS, forms the device command. See the "Com-
mandTruthTable"itemfordetailsondevicecommands.
Vddq
Power Supply PinVddq is the output buffer power supply.
Vdd
Power Supply PinVdd is the device internal power supply.
Vssq
Power Supply PinVssq is the output buffer ground.
Vss
Power Supply PinVss is the device internal ground.


Similar Part No. - IS45S16320F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16320B ISSI-IS45S16320B Datasheet
913Kb / 61P
   64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
IS45S16320B-7BLA1 ISSI-IS45S16320B-7BLA1 Datasheet
913Kb / 61P
   64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
IS45S16320B-7TLA1 ISSI-IS45S16320B-7TLA1 Datasheet
913Kb / 61P
   64M x 8, 32M x 16 512Mb SYNCHRONOUS DRAM
IS45S16320D ISSI-IS45S16320D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
More results

Similar Description - IS45S16320F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100E ISSI-IS42VS16100E Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
Samsung semiconductor
M466F0804DT1-L SAMSUNG-M466F0804DT1-L Datasheet
463Kb / 20P
   8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com