Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S32160F Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S32160F
Description  8K refresh cycles every 64 ms
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S32160F Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S32160F Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S32160F Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
IS42/45R86400F/16320F/32160F
IS42/45S86400F/16320F/32160F
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. 00A
11/5/2013
Copyright © 2013 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time with-
out notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain
the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such ap-
plications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
FEATURES
• Clock frequency: 200, 166, 143 MHz
• Fullysynchronous;allsignalsreferencedtoa
positive clock edge
• Internalbankforhidingrowaccess/precharge
• Powersupply:Vdd/Vddq = 2.3V-3.6V
IS42/45SxxxxxD-Vdd/Vddq = 3.3V
IS42/45RxxxxxD-Vdd/Vddq = 2.5
• LVTTLinterface
• Programmableburstlength
– (1, 2, 4, 8, full page)
• Programmableburstsequence:
Sequential/Interleave
• AutoRefresh(CBR)
• SelfRefresh
• 8Krefreshcyclesevery64ms
• Randomcolumnaddresseveryclockcycle
• ProgrammableCAS latency (2, 3 clocks)
• Burstread/writeandburstread/singlewrite
operations capability
• Burstterminationbyburststopandprecharge
command
• Packages:
x8/x16:54-pinTSOP-II,54-ballTF-BGA(x16only)
x32:90-ballTF-BGA,86-pinTSOP-ll
• TemperatureRange:
Commercial (0oC to +70oC)
Industrial (-40oC to +85oC)
Automotive, A1 (-40oC to +85oC)
Automotive, A2 (-40oC to +105oC)
16Mx32, 32Mx16, 64Mx8
512Mb SDRAM
ADVANCED INFORMATION
NOVEMBER 2013
KEY TIMING PARAMETERS
Parameter
-5
-6
-7
Unit
ClkCycleTime
CAS
Latency=3
5
6
7
ns
CAS
Latency=2
10
10
7.5
ns
ClkFrequency
CAS
Latency=3
200
167
143
Mhz
CAS
Latency=2
100
100
133
Mhz
AccessTimefromClock
CAS
Latency=3
5.0
5.4
5.4
ns
CAS
Latency=2
6
6
5.4
ns
ADDRESS TABLE
Parameter
16M x 32
32M x 16
64M x 8
Configuration
4M x 32 x 4
banks
8M x 16 x 4
banks
16M x 8 x 4
banks
BankAddress
Pins
BA0,BA1
BA0,BA1
BA0,BA1
Autoprecharge
Pins
A10/AP
A10/AP
A10/AP
Row Address
8K(A0–A12) 8K(A0–A12) 8K(A0–A12)
Column
Address
512(A0 – A8)
1K(A0–A9)
2K(A0–A9,
A11)
Refresh Count
Com./Ind./A1
A2
8K/64ms
8K/16ms
8K/64ms
8K/16ms
8K/64ms
8K/16ms
DEVICE OVERVIEW
ISSI's 512Mb Synchronous DRAM achieves high-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer to the rising edge of the clock input.
The512MbSDRAMisorganizedasfollows.
IS42/45S32160D
IS42/45S16320D
IS42/45S86400D
IS42/45R32160D
IS42/45R16320D
IS42/45R86400D
4M x 32 x 4 banks
8M x 16 x 4 banks
16M x 8 x 4 banks
90-ballTF-BGA
54-pinTSOP-II
54-pinTSOP-II
86-pinTSOP-ll
54-ballTF-BGA
PACKAGE INFORMATION


Similar Part No. - IS42S32160F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75B ISSI-IS42S32160A-75B Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75BI ISSI-IS42S32160A-75BI Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75BL ISSI-IS42S32160A-75BL Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S32160A-75BLI ISSI-IS42S32160A-75BLI Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S32160F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100E ISSI-IS42VS16100E Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
Samsung semiconductor
M466F0804DT1-L SAMSUNG-M466F0804DT1-L Datasheet
463Kb / 20P
   8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com