Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16402J Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS42S16402J
Description  Internal bank for hiding row access/precharge
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16402J Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS42S16402J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS42S16402J Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. A
12/06/2011
IS42S16402J
IS45S16402J
TRUTH TABLE – COMMANDS AND DQM OPERATION(1)
FUNCTION
CS
RAS
CAS
WE
DQM
ADDR
DQs
COMMANDINHIBIT(NOP)
H
X
X
X
X
X
X
NOOPERATION(NOP)
L
H
H
H
X
X
X
ACTIVE(Selectbankandactivaterow)(3)
L
L
H
H
X
Bank/Row
X
READ(Selectbank/column,startREADburst)(4)
L
H
L
H
L/H(8)
Bank/Col
X
WRITE(Selectbank/column,startWRITEburst)(4) L
H
L
L
L/H(8)
Bank/Col
Valid
BURSTTERMINATE
L
H
H
L
X
X
Active
PRECHARGE(Deactivaterowinbankorbanks)(5) L
L
H
L
X
Code
X
AUTOREFRESHorSELFREFRESH(6,7)
L
L
L
H
X
X
X
(Enterselfrefreshmode)
LOADMODEREGISTER(2)
L
L
L
L
X
Op-Code
X
WriteEnable/OutputEnable(8)
L
Active
WriteInhibit/OutputHigh-Z(8)
H
High-Z
NOTES:
1. CKEisHIGHforallcommandsexceptSELFREFRESH.
2. A0-A11definetheop-codewrittentothemoderegister.
3. A0-A11providerowaddress,andBA0,BA1determinewhichbankismadeactive.
4. A0-A7(x16)providecolumnaddress;A10HIGHenablestheautoprechargefeature(nonpersistent),whileA10LOWdisables
autoprecharge;BA0,BA1determinewhichbankisbeingreadfromorwrittento.
5. A10LOW:BA0,BA1determinethebankbeingprecharged.A10HIGH:AllbanksprechargedandBA0,BA1are“Don’tCare.”
6. AUTOREFRESHifCKEisHIGH,SELFREFRESHifCKEisLOW.
7. Internalrefreshcountercontrolsrowaddressing;allinputsandI/Osare“Don’tCare”exceptforCKE.
8. ActivatesordeactivatestheDQsduringWRITEs(zero-clockdelay)andREADs(two-clockdelay).


Similar Part No. - IS42S16402J

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS42S16400 ICSI-IS42S16400 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10T ISSI-IS42S16400-10T Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10TI ISSI-IS42S16400-10TI Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16402J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800J ISSI-IS42S32800J Datasheet
1Mb / 60P
   Internal bank for hiding row access/precharge
IS42VS16400L ISSI-IS42VS16400L Datasheet
717Kb / 56P
   Internal bank for hiding row access/precharge
IS42R86400D ISSI-IS42R86400D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS43R83200F ISSI-IS43R83200F Datasheet
1Mb / 32P
   Auto Precharge
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
logo
Alliance Semiconductor ...
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
Texas Instruments
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com