Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45S16402J Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS45S16402J
Description  Internal bank for hiding row access/precharge
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16402J Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS45S16402J Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16402J Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. A
12/06/2011
Copyright©2011IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewithoutnotice.ISSIassumesno
liabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtainthelatestversionofthisdevicespecificationbeforerelyingon
anypublishedinformationandbeforeplacingordersforproducts.
IntegratedSiliconSolution,Inc.doesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcanreasonablybeex-
pectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.ProductsarenotauthorizedforuseinsuchapplicationsunlessIntegratedSilicon
Solution,Inc.receiveswrittenassurancetoitssatisfaction,that:
a.)theriskofinjuryordamagehasbeenminimized;
b.)theuserassumeallsuchrisks;and
c.)potentialliabilityofIntegratedSiliconSolution,Incisadequatelyprotectedunderthecircumstances
IS42S16402J
IS45S16402J
FEATURES
• Clockfrequency:200,166,143,133MHz
• Fullysynchronous;allsignalsreferencedtoa
positiveclockedge
• Internalbankforhidingrowaccess/precharge
• Single3.3Vpowersupply
• LVTTLinterface
• Reducedstrengthoutputdrive:12-15mA
• Programmableburstlength
–(1,2,4,8,fullpage)
• Programmableburstsequence:
Sequential/Interleave
• Selfrefreshmodes
• Autorefresh(CBR)
• 4096refreshcyclesevery64ms(Com,Ind,A1
grade)or16ms(A2grade)
• Randomcolumnaddresseveryclockcycle
• ProgrammableCASlatency(2,3clocks)
• Burstread/writeandburstread/singlewrite
operationscapability
• Burstterminationbyburststopandprecharge
command
OPTIONS
• Package:
54-pinTSOPII
54-ballTF-BGA(8mmx8mm)
60-ballTF-BGA(10.1mmx6.4mm)
• OperatingTemperatureRange
Commercial(0oCto+70oC)
Industrial(-40oCto+85oC)
AutomotiveGradeA1(-40oCto+85oC)
AutomotiveGradeA2(-40oCto+105oC)
OVERVIEW
ISSI's64MbSynchronousDRAMisorganizedas1,048,576
bits x 16-bit x 4-bank for improved performance. The
synchronous DRAMs achieve high-speed data transfer
usingpipelinearchitecture.Allinputsandoutputssignals
refertotherisingedgeoftheclockinput.
1 Meg Bits x 16 Bits x 4 Banks (64-MBIT)
SYNCHRONOUS DYNAMIC RAM
DECEMBER 2011
KEY TIMING PARAMETERS
Parameter
-5
-6
-7
Unit
ClkCycleTime
CAS
Latency=3
5
6
7
ns
CAS
Latency=2
10
10
7.5
ns
ClkFrequency
CAS
Latency=3
200
166
143
Mhz
CASLatency=2
100
100
133
Mhz
AccessTimefromClock
CAS
Latency=3
5
5.4
5.4
ns
CAS
Latency=2
8
8
5.4
ns
Parameter
4M x 16
Configuration
1M x 16 x 4
banks
Refresh Count
Com./Ind.
A1
A2
4K/64ms
4K/64ms
4K/16ms
Row Addresses
A0-A11
Column Addresses
A0-A7
Bank Address Pins
BA0, BA1
Auto Precharge Pins
A10/AP
ADDRESS TABLE


Similar Part No. - IS45S16402J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TA1 ISSI-IS45S16400C1-7TA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA ISSI-IS45S16400C1-7TLA Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400C1-7TLA1 ISSI-IS45S16400C1-7TLA1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16400E ISSI-IS45S16400E Datasheet
849Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16402J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S32800J ISSI-IS42S32800J Datasheet
1Mb / 60P
   Internal bank for hiding row access/precharge
IS42VS16400L ISSI-IS42VS16400L Datasheet
717Kb / 56P
   Internal bank for hiding row access/precharge
IS42R86400D ISSI-IS42R86400D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
IS43R83200F ISSI-IS43R83200F Datasheet
1Mb / 32P
   Auto Precharge
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
logo
Alliance Semiconductor ...
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
Texas Instruments
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com