Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM48BT160T240A00 Datasheet(PDF) 9 Page - Vicor Corporation

Part # BCM48BT160T240A00
Description  Fixed Ratio DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BT160T240A00 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button BCM48BT160T240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 9Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 10Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 11Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 12Page - Vicor Corporation BCM48BT160T240A00 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 9 of 18
07/2015
800 927.9474
x160 240
y
B
48
BCM
A00
7.0 USING THE CONTROL SIGNALS PC, TM
Primary Control (PC) pin can be used to accomplish the
following functions:
• Logic enable and disable for module: Once Ton1 time has
been satisfied, a PC voltage greater than Vpc_en will cause
the module to start. Bringing PC lower than Vpc_dis will
cause the module to enter standby.
• Auxiliary voltage source: Once enabled in regular
operational conditions (no fault), each BCM module
PC provides a regulated 5 V, 3.5 mA voltage source.
• Synchronized start up: In an array of parallel modules, PC
pins should be connected to synchronize start up across
units. This permits the maximum load and capacitance
to scale by the number of paralleled modules.
• Output disable: PC pin can be actively pulled down in order
to disable the module. Pull down impedance shall be lower
than 60
Ω.
• Fault detection flag: The PC 5 V voltage source is internally
turned off as soon as a fault is detected.
• Note that PC can not sink significant current during a fault
condition. The PC pin of a faulted module will not cause
interconnected PC pins of other modules to be disabled.
Temperature Monitor (TM) pin provides a voltage
proportional to the absolute temperature of the converter
control IC.
It can be used to accomplish the following functions:
• Monitor the control IC temperature: The temperature in
Kelvin is equal to the voltage on the TM pin scaled
by 100. (i.e. 3.0 V = 300 K = 27ºC). If a heat sink is applied,
TM can be used to protect the system thermally.
• Fault detection flag: The TM voltage source is internally
turned off as soon as a fault is detected. For system
monitoring purposes microcontroller interface faults are
detected on falling edges of TM signal.


Similar Part No. - BCM48BT160T240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BT160M240A00 VICOR-BCM48BT160M240A00 Datasheet
778Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BT160T240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com