Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM48BT120M300A00 Datasheet(PDF) 7 Page - Vicor Corporation

Part # BCM48BT120M300A00
Description  Fixed Ratio DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BT120M300A00 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BCM48BT120M300A00 Datasheet HTML 3Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 4Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 5Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 6Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 7Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 8Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 9Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 10Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BCM® Bus Converter
Rev 1.7
vicorpower.com
Page 7 of 18
07/2015
800 927.9474
x120 300
y
B
48
BCM
A00
Figure 10 — Start up from application of PC;
VIN pre-applied COUT = 1000 µF
Figure 9 — Full load ripple, 330 µF CIN; No external COUT. Board
mounted module, scope setting : 20 MHz analog BW
Load Current (A)
48 V
V :
IN
Output Voltage Ripple vs. Load
25
45
65
85
105
125
145
0
5
10
15
20
25
Figure 8 — VRIPPLE vs. IOUT ; No external COUT. Board mounted
module, scope setting : 20 MHz analog BW
Figure 12 — 25 A – 0 A transient response:
CIN = 330 µF, IIN measured prior to CIN, no external COUT
Figure 11 — 0 A– 25 A transient response: CIN = 330 µF, IIN measured
prior to CIN , no external COUT


Similar Part No. - BCM48BT120M300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BT120M300A00 VICOR-BCM48BT120M300A00 Datasheet
1Mb / 18P
   Bus Converter
More results

Similar Description - BCM48BT120M300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com