Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF20A-40DS-1H Datasheet(PDF) 7 Page - Hirose Electric

Part # DF20A-40DS-1H
Description  1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF20A-40DS-1H Datasheet(HTML) 7 Page - Hirose Electric

  DF20A-40DS-1H Datasheet HTML 1Page - Hirose Electric DF20A-40DS-1H Datasheet HTML 2Page - Hirose Electric DF20A-40DS-1H Datasheet HTML 3Page - Hirose Electric DF20A-40DS-1H Datasheet HTML 4Page - Hirose Electric DF20A-40DS-1H Datasheet HTML 5Page - Hirose Electric DF20A-40DS-1H Datasheet HTML 6Page - Hirose Electric DF20A-40DS-1H Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
BUsage recommendation
Temperature
IR Reflow
Preheating: 150°C for 60 sec. to 120 sec.
Soldering: 235°C±5°C for 10 sec. max.
... Maximum 240°C 220°C min.
10s to 30s ... 220°C
Preheating
Soldering
Maximum 240°C
220°C
1. Recommended Soldering
Temperature Profile for IR Reflow.
2.Recommended Manual Soldering Conditions
3. Recommended Solder Screen Thickness
4. Board Warping
5. Cleaning Conditions
6. Wiring Termination Conditions
7. Mating / un-mating precautions
Soldering temperature: 290°C ±10°C, Soldering time: within 3 sec.
0.15mm
Maximum of 0.03 mm at the connector center section, with both ends of the connector as reference points.
Refer to "Nylon Connector Use Handbook."
Refer to "Nylon Connector Use Handbook."
Crimp contacts should be handled with care as not to cause any deformation or damage
affecting the performance or termination.
Excessive twisting and pulling on wires during mating/un-mating should be avoided as it
may cause damage to connectors.
Note 1: Up to 2 cycles of reflow soldering are possible under the same conditions, provided
that there is a return to normal temperature between the first and second cycle.
Note 2: The temperature indicates the board surface temperature at the points of contacts
with the connector terminals.


Similar Part No. - DF20A-40DS-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20A-40DS-1C HIROSE-DF20A-40DS-1C Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-40DS-1C HIROSE-DF20A-40DS-1C Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
More results

Similar Description - DF20A-40DS-1H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF20F-20DP-1V56 HIROSE-DF20F-20DP-1V56 Datasheet
288Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20A-10DS-1C HIROSE-DF20A-10DS-1C_1 Datasheet
302Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF20 HIROSE-DF20 Datasheet
306Kb / 7P
   1 mm Pitch Double Rows Low Profile Board-to-Cable Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF23C-10DS-0.5V HIROSE-DF23C-10DS-0.5V Datasheet
184Kb / 8P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com