Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM6123S60E15A3T01 Datasheet(PDF) 8 Page - Vicor Corporation

Part # BCM6123S60E15A3T01
Description  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123S60E15A3T01 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM6123S60E15A3T01 Datasheet HTML 4Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 5Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 6Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 7Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 8Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 9Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 10Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 11Page - Vicor Corporation BCM6123S60E15A3T01 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 8 of 23
09/2015
800 927.9474
BCM6123x60E15A3yzz
Signal Characteristics
Specifications apply over all line, load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Temperature Monitor
• The TM pin is a standard analog I/O configured as an output from an internal µC.
• The TM pin monitors the internal temperature of the controller IC within an accuracy of ±5°C.
• µC 250 kHz PWM output internally pulled high to 3.3 V.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
DIGITAL
OUTPUT
Startup
Powertrain active to TM
time
tTM
100
µs
Regular
Operation
TM Duty Cycle
TMPWM
18.18
68.18
%
TM Current
ITM
4
mA
Recommended External filtering
TM Capacitance (External)
CTM_EXT
Recommended External filtering
0.01
µF
TM Resistance (External)
RTM_EXT
Recommended External filtering
1
Specifications using recommended filter
TM Gain
ATM
10
mV / °C
TM Voltage Reference
VTM_AMB
1.27
V
TM Voltage Ripple
VTM_PP
RTM_EXT = 1 K Ohm, CTM_EXT = 0.01 uF, VPRI_DC
= 54 V, ISEC_DC = 130 A
28
mV
TINTERNAL ≤ 100ºC
40
Enable / Disable Control
• The EN pin is a standard analog I/O configured as an input to an internal µC.
• It is internally pulled high to 3.3 V.
• When held low the BCM internal bias will be disabled and the powertrain will be inactive.
• In an array of BCMs, EN pins should be interconnected to synchronize startup and permit startup into full load conditions.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
ANALOG
INPUT
Startup
EN to Powertrain active
time
tEN_START
VPRI_DC > VPRI_UVLO+, EN held low both
conditions satisfied for T > tPRI_UVLO+_DELAY
250
µs
Regular
Operation
EN Voltage Threshold
VEN_TH
2.3
V
EN Resistance (Internal)
REN_INT
Internal pull up resistor
1.5
EN Disable Threshold
VEN_DISABLE_TH
1
V


Similar Part No. - BCM6123S60E15A3T01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM6123S60E10ASM01 VICOR-BCM6123S60E10ASM01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10ASM02 VICOR-BCM6123S60E10ASM02 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10ASM0P VICOR-BCM6123S60E10ASM0P Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10ASM0R VICOR-BCM6123S60E10ASM0R Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10AST01 VICOR-BCM6123S60E10AST01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM6123S60E15A3T01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com