Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM3814V60E10AST10 Datasheet(PDF) 8 Page - Vicor Corporation

Part # BCM3814V60E10AST10
Description  Isolated, Fixed-Ratio DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814V60E10AST10 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM3814V60E10AST10 Datasheet HTML 4Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 5Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 6Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 7Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 8Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 9Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 10Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 11Page - Vicor Corporation BCM3814V60E10AST10 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 8 of 38
05/2016
800 927.9474
BCM3814x60E10A5yzz
Case Temperature (°C)
36 – 60V
0
20
40
60
80
100
120
140
160
180
200
-60
-40
-20
0
20
40
60
80
100
120
LO Side Current (% I
LO_DC)
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
Figure 3 — Specified HI side start-up into load current and external capacitance
HI Side Voltage (V)
I
LO_OUT_DC
I
LO_OUT_PULSE
0
25
50
75
100
125
150
175
200
36 38 40 42 44 46 48 50 52 54 56 58 60
HI Side Voltage (V)
P
LO_OUT_DC
P
LO_OUT_PULSE
0
250
500
750
1000
1250
1500
1750
2000
36 38 40 42 44 46 48 50 52 54 56 58 60
Figure 1 — Specified thermal operating area
Figure 2 — Specified electrical operating area using rated RLO_HOT
1. The BCM in a VIA Package is cooled through bottom case (bottom housing).
2. The thermal rating of the BCM in a VIA Package is based on typical measured device efficiency.
3. The case temperature in the graph is the measured temperature of the bottom housing, such that operating internal junction temperature of the BCM in a
VIA Package does not exceed 125°C.


Similar Part No. - BCM3814V60E10AST10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM3814V60E10AST10 VICOR-BCM3814V60E10AST10 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM3814V60E10AST10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com