Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM6123T60E15A3M0R Datasheet(PDF) 7 Page - Vicor Corporation

Part # BCM6123T60E15A3M0R
Description  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123T60E15A3M0R Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BCM6123T60E15A3M0R Datasheet HTML 3Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 4Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 5Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 6Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 7Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 8Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 9Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 10Page - Vicor Corporation BCM6123T60E15A3M0R Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 7 of 23
09/2015
800 927.9474
BCM6123x60E15A3yzz
Input Voltage (V)
0
50
100
150
200
36
38
41
43
46
48
50
53
55
58
60
I
SEC_OUT_DC
I
SEC_OUT_PULSE
Input Voltage (V)
36
38
41
43
46
48
50
53
55
58
60
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
P
SEC_OUT_DC
P
SEC_OUT_PULSE
Figure 1 — Specified thermal operating area
Figure 2 — Specified electrical operating area using rated RSEC_HOT
Secondary Output Current (% I
SEC_DC)
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
Case Temperature (°C)
Top only at temperature
Leads at temperature
Top and leads at temperature
Top, leads and belly at temperature
35
45
55
65
75
85
95
105
115
125
0
300
600
900
1200
1500
1800
2100
2400
Figure 3 — Specified Primary start-up into load current and external capacitance


Similar Part No. - BCM6123T60E15A3M0R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
996Kb / 28P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123T60E15A3T01 VICOR-BCM6123T60E15A3T01 Datasheet
996Kb / 28P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T01 VICOR-BCM6123T60E15A3T01 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM6123T60E15A3M0R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com