Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45SMVM16160K Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS45SMVM16160K
Description  Auto refresh and self refresh
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45SMVM16160K Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS45SMVM16160K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS45SMVM16160K Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
www.issi.com - DRAM@issi.com
Rev. B | Nov. 2014
IS42/45SM/RM/VM16160K
Figure5: Extended Mode Register
0
PASR
Address Bus
Extended Mode Register (Ex)
0
1
2
3
4
5
6
10
9
8
7
11
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
E2
E1
E0
Self Refresh Coverage
0
0
0
All Banks
0
0
1
Two Banks (BA1=0)
0
1
0
One Bank (BA1=BA0=0)
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Half of One Bank (BA1=BA0=0, Row Address MSB=0)
1
1
0
Quarter of One Bank (BA1=BA0=0, Row Address 2 MSB=0)
1
1
1
Reserved
Note: E14 (BA1) must be set to “1” and E13 (BA0) must be set to “0” to select Extended Mode Register (vs. the base Mode Register)
E7
E6
E5
Driver Strength
0
0
0
Full Strength
0
0
1
1/2 Strength
0
1
0
1/4 Strength
0
1
1
1/8 Strength
1
0
0
3/4 Strength
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
0
0
0
DS
BA0
BA1
0
12
13
0
0
0
14
1
A12


Similar Part No. - IS45SMVM16160K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45SMVM16160E ISSI-IS45SMVM16160E Datasheet
838Kb / 33P
   4M x 16Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS45SMVM16160K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
AS4C128M16D2 ALSC-AS4C128M16D2 Datasheet
2Mb / 75P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com