Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDH-03020GID Datasheet(PDF) 6 Page - Hirose Electric

Part # HDH-03020GID
Description  Couplers with Connectors (H Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HDH-03020GID Datasheet(HTML) 6 Page - Hirose Electric

  HDH-03020GID Datasheet HTML 1Page - Hirose Electric HDH-03020GID Datasheet HTML 2Page - Hirose Electric HDH-03020GID Datasheet HTML 3Page - Hirose Electric HDH-03020GID Datasheet HTML 4Page - Hirose Electric HDH-03020GID Datasheet HTML 5Page - Hirose Electric HDH-03020GID Datasheet HTML 6Page - Hirose Electric HDH-03020GID Datasheet HTML 7Page - Hirose Electric HDH-03020GID Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
21
sOrdering Information
sSpecifications
Series Name: HD (Directional Couplers)
Type of Connector
H: Indicates the HRM (SMA) Series
Center Frequency
008 : 0.8GHz
009 : 0.9GHz
015 : 1.5GHz
017 : 1.7GHz
022 : 2.2GHz
030 : 3.0GHz
060 : 6.0GHz
090 : 9.0GHz
128 : 12.8GHz
Coupling
06 : 6dB
10 : 10dB
20 : 20dB
30 : 30dB
37 : 37dB
49 : 49dB
Frequency Relative Bandwidth
C: From 10% to below 15%
G: From 30% to below 35%
Form
I: I Type, H: H Type
D: With Termination
Isolation port with termination is designated
as D at the end of each part No.
HDH-00810GID
0.5~1.0
10±1.0
±0.75
0.3
20
1.15
1.15
49
10
HDH-00820GID
0.5~1.0
20±1.0
±0.75
0.3
18
1.15
1.15
50
50
HDH-00937CI
0.8~1.0
37±1.0
±0.5
0.3
20
1.20
1.20
50
50
HDH-01510GID
1.0~2.0
10±1.2
±0.75
0.4
20
1.20
1.20
34
10
HDH-01520GID
1.0~2.0
20±1.2
±0.75
0.4
18
1.20
1.20
34
50
HDH-01530CI
1.4~1.6
30+1.0
±0.25
0.5
20
1.20
1.20
34
50
HDH-01537CI
1.4~1.6
37+1.0
±0.3
0.5
20
1.20
1.20
34
50
HDH-01706CID
1.5~1.9
6±1.0
±0.3
0.4
18
1.20
1.20
34
05
HDH-01710CID
1.5~1.9
10±1.2
±0.3
0.4
20
1.20
1.20
34
10
HDH-01720CID
1.5~1.9
20±1.2
±0.4
0.4
20
1.20
1.20
34
50
HDH-01730CID
1.5~1.9
30±1.5
±0.4
0.4
18
1.20
1.20
34
50
HDH-02210AI
2.11~2.2
10±1.0
±0.25
0.8π
18
1.20
1.20
42
50
HDH-02220AID
2.11~2.2
20±1.0
±0.25
0.3
16
1.20
1.20
42
50
HDH-02249AI
2.11~2.2
49±1.0
±0.25
0.3
15
1.20
1.20
42
50
HDH-03010GID
2.0~4.0
10±1.2
±0.75
0.5
18
1.20
1.20
25
10
HDH-03020GID
2.0~4.0
20±1.2
±0.75
0.5
18
1.20
1.20
25
50
HDH-06010GID
4.0~7.8
10±1.2
±0.75
0.5
17
1.25
1.25
23
10
HDH-06020GID
4.0~7.8
20±1.2
±0.75
0.5
17
1.25
1.25
23
50
HDH-09006GID
8.0~11.0
6±1.2
±0.75
0.5
15
1.30
1.30
24
04
HDH-09010GID
8.0~11.0
10±1.2
±0.75
0.5
15
1.30
1.30
24
10
HDH-09020GID
8.0~11.0
20±2.0
±0.75
0.5
13
1.30
1.30
24
10
HDH-12806CID
10.5~14.5
6±1.0
±0.5
2.1π
15
1.30
1.35
28
04
HDH-12810CID
10.5~14.5 10±1.25
±0.5
1.1π
15
1.30
1.35
28
10
HDH-12820CID
10.5~14.5 20±1.25
±0.5
0.6
15
1.30
1.35
28
50
Frequency
Range
(GHz)
Coupling
(dB)
Frequency
Sensitivity
(dB)
Insertion
Loss
(dB MAX)
Directivity
(dB MIN)
Primary Line
V.S.W.R.
(MAX)
Secondary
Line
V.S.W.R.
(MAX)
Weight
(g)
Power
(W)
HD H - 008 10 G I D
1
2
3
4
5
6
7
1
2
3
4
5
6
7
qThe coupling loss component is not included in the insertion loss (unless the item is marked with an π symbol)
_2.0
_1.5
Part Number


Similar Part No. - HDH-03020GID

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH-03020GID HIROSE-HDH-03020GID Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
More results

Similar Description - HDH-03020GID

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH HIROSE-HDH Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
logo
American Accurate Compo...
DCP1833-10 AAC-DCP1833-10 Datasheet
193Kb / 2P
   RF Directional Couplers (SMA / TAB Type)
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
   APPLIANCE COUPLERS
logo
Communications & Power ...
VWP1137 CPI-VWP1137 Datasheet
90Kb / 1P
   Power Couplers
VWP3032 CPI-VWP3032 Datasheet
84Kb / 1P
   Power Couplers
logo
American Accurate Compo...
QPH9232 AAC-QPH9232 Datasheet
265Kb / 2P
   RF Couplers
logo
Schurter Inc.
60040215 SCHURTER-60040215 Datasheet
70Kb / 1P
   APPLIANCE COUPLERS
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com