Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF13C-12P-1.25C Datasheet(PDF) 2 Page - Hirose Electric

Part # DF13C-12P-1.25C
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13C-12P-1.25C Datasheet(HTML) 2 Page - Hirose Electric

  DF13C-12P-1.25C Datasheet HTML 1Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 2Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 3Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 4Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 5Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 6Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 7Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 8Page - Hirose Electric DF13C-12P-1.25C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
B184
sProduct Specifications
Rating
Current rating 1A
Operating Temperature Range: -35 to +85ç (Note 1) Storage Temperature Range: -10 to +60ç (Note 2)
Voltage rating 150V AC Operating Moisture Range: 40 to 80%
Storage Moisture Range: 40 to 70%
(Note 2)
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sMaterial
Product
Part
Material
Finish
Remarks
Item
Specification
Condition
1.Insulation Resistance
500M ohms min.
100V DC
2.Withstanding voltage
No flashover or insulation breakdown.
500V AC/1 minute
3.Contact Resistance
30m ohms max.
100mA
4.Single Insertion/Extraction Force 0.3N (30gf) min., 3N (300gf) max.
Measured at the square steel pin of 0.35±0.002mm
5.Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6.Humidity (Steady state)
Contact resistance: 30m ohms max. Insulation resistance: 500M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
7.Temperature Cycle
Contact resistance: 30m ohms max. Insulation resistance: 500M ohms min.
(-55ç: 30 minutes➝ 5 to 35ç: 10 minutes➝ 85ç: 30 minutes➝ 5 to 35ç: 10 minutes) 5 cycles
8.Durability (Mating/un-mating) Contact resistance: 30m ohms max.
Tin plating: 30 cycles
Gold plating: 50 cycles
9.Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
Crimping Socket
Insulator
Polyamide
Beige
UL94V-0
Crimping Contact for Socket
Contact
Phosphor copper
Tin plated or gold plated
----
Pin Header (Through hole)
Insulator
Polyamide
Beige
UL94V-0
Contact
Brass
Tin plated
----
Insulator
Polyamide
Beige
UL94V-0
Pin Header (SMT)
Contact
Brass
Tin plated or gold plated
----
Metal Fitting
Phosphor copper
Tin plated
----
sOrdering Information
DF13
# - * S - 1.25 C
qe
wr
t
y
e Number of Contacts
r Single row: 2 to 12, 14, 15
r Double row: 10, 20, 30, 40
r Connector Type
t S: Single row socket / P: Single row pin header
t DS: Double row socket / DP: Double row pin header
t Contact Pitch: 1.25mm
y Contact Type
C : Crimping socket / DSA : Straight through hole
DS : Right angle through hole / V : Straight SMT
H : Right angle SMT
q Series Name
: DF13
w Style Symbol
: Blank: With boss
A: Without boss
B: Without boss, embossed tape type
C: Without boss, embossed tape type
qConnector
qContact
V Type
q Applicable Cable Size 2630: AWG26 to 30
w Packaging Type SCF: Socket Contact/Reel
e Plating Type Blank: Tin plated
A : Gold plated
DF 13 - 2630 SCF A
qw
e


Similar Part No. - DF13C-12P-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
More results

Similar Description - DF13C-12P-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com