Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS45VM32160D Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS45VM32160D
Description  4M x 32Bits x 4Banks Mobile Synchronous DRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45VM32160D Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS45VM32160D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS45VM32160D Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
IS42/45VM32160D
Rev. A | Apr. 2012
www.issi.com - DRAM@issi.com
Table4: Command Truth Table
Function
CKEn-1
CKEn
/CS
/RAS
/CAS
/WE
DQM
ADDR
A10
Note
Command Inhinit (NOP)
H
X
H
X
X
X
X
X
No Operation (NOP)
H
X
L
H
H
H
X
X
Mode Register Set
H
X
L
L
L
L
X
OP CODE
4
Extended Mode Register Set
H
X
L
L
L
L
X
OP CODE
4
Active (select bank and
activate row)
H
X
L
L
H
H
X
Bank/Row
Read
H
X
L
H
L
H
L/H
Bank/Col
L
5
Read with Autoprecharge
H
X
L
H
L
H
L/H
Bank/Col
H
5
Write
H
X
L
H
L
L
L/H
Bank/Col
L
5
Write with Autoprecharge
H
X
L
H
L
L
L/H
Bank/Col
H
5
Precharge All Banks
H
X
L
L
H
L
X
X
H
Precharge Selected Bank
H
X
L
L
H
L
X
Bank
L
Burst Stop
H
H
L
H
H
L
X
X
Auto Refresh
H
H
L
L
L
H
X
X
3
Self Refresh Entry
H
L
L
L
L
H
X
X
3
Self Refresh Exit
L
H
H
X
X
X
X
X
2
L
H
H
H
Precharge Power Down Entry
H
L
H
X
X
X
X
X
L
H
H
H
Precharge Down Exit
L
H
H
X
X
X
X
X
L
H
H
H
Clock Suspend Entry
H
L
H
X
X
X
X
X
L
V
V
V
Clock Suspend Exit
L
H
X
X
X
Deep Power Down Entry
H
L
L
H
H
L
X
X
6
Deep Power Down Exit
L
H
X
X
X
Note :
1. CKEn is the logic state of CKE at clock edge n; CKEn-1 was the state of CKE at the previous clock edge.
H: High Level, L: Low Level, X: Don't Care, V: Valid
2. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high and will put the device in the all banks idle state once
tXSR is met. Command Inhibit or NOP commands should be issued on any clock edges occuring during the tXSR period. A minimum
of two NOP commands must be provided during tXSR period.
3. During refresh operation, internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
4. A0-A12 define OP CODE written to the mode register, and BA [1:0] must be issued 0 in the mode register set, and 1 in the extended
mode register set.
5. DQM “L” means the data Write/Ouput Enable and “H” means the Write inhibit/Output High-Z. Write DQM Latency is 0 CLK and Read
DQM Latency is 2 CLK.
6. Standard SDRAM parts assign this command sequence as Burst Terminate. For Bat Ram parts, the Burst Terminate command is
assigned to the Deep Power Down function.


Similar Part No. - IS45VM32160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45VM32160E-6BLA1 ISSI-IS45VM32160E-6BLA1 Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS45VM32160E-6BLA2 ISSI-IS45VM32160E-6BLA2 Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS45VM32160D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42SM32400G-6BLI ISSI-IS42SM32400G-6BLI Datasheet
545Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400F ISSI-IS42VM32400F Datasheet
451Kb / 27P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800E ISSI-IS42VM32800E Datasheet
877Kb / 33P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32400H-6BLI ISSI-IS42SM32400H-6BLI Datasheet
909Kb / 34P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32800K ISSI-IS42VM32800K Datasheet
919Kb / 35P
   2M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32200K-6BLI ISSI-IS42SM32200K-6BLI Datasheet
540Kb / 33P
   512K x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32400H ISSI-IS42VM32400H Datasheet
893Kb / 33P
   1M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM16160E ISSI-IS42VM16160E Datasheet
838Kb / 33P
   4M x 16Bits x 4Banks Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com