Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HNC2-2.5S-6 Datasheet(PDF) 5 Page - Hirose Electric

Part # HNC2-2.5S-6
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HNC2-2.5S-6 Datasheet(HTML) 5 Page - Hirose Electric

  HNC2-2.5S-6 Datasheet HTML 1Page - Hirose Electric HNC2-2.5S-6 Datasheet HTML 2Page - Hirose Electric HNC2-2.5S-6 Datasheet HTML 3Page - Hirose Electric HNC2-2.5S-6 Datasheet HTML 4Page - Hirose Electric HNC2-2.5S-6 Datasheet HTML 5Page - Hirose Electric HNC2-2.5S-6 Datasheet HTML 6Page - Hirose Electric HNC2-2.5S-6 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
B143
Note1: Please order a quantity multiplied by 100 pcs. (Not per bag, but per piece)
Note2: The series name of the 12 contacts connector is HNC1 and the style will be partially changed.
sRight Angle Pin Header
Unit: mm
Part Number
CL No.
HNC2-2.5P- 2DSL(**)
HNC2-2.5P- 3DSL(**)
HNC2-2.5P- 4DSL(**)
HNC2-2.5P- 5DSL(**)
HNC2-2.5P- 6DSL(**)
HNC2-2.5P- 7DSL(**)
HNC2-2.5P- 8DSL(**)
HNC2-2.5P-10DSL(**)
HNC1-2.5P-12DSL(**)
HNC2-2.5P-15DSL(**)
218-0013-7-**
218-0024-3-**
218-0041-2-**
218-0029-7-**
218-0044-0-**
218-0032-1-**
218-0016-5-**
218-0019-3-**
218-0010-9-**
218-0047-9-**
2
3
4
5
6
7
8
10
12
15
12.5
15
17.5
20
22.5
25
27.5
32.5
35.5
45
Number of Contacts
A
7.8
10.4
12.9
15.4
17.9
20.4
22.8
27.8
32.8
40.4
B
2.5
5
7.5
10
12.5
15
17.5
22.5
27.5
35
Figure 5
Figure 6
Figure 5
C
Blank
Blank
Blank
Blank
Blank
Blank
Blank
Blank
Blank
Blank
Tin plating
Specific No.
Dimensions
02
02
01
02
01
02
02
02
02
01
Gold plating
[Figure 5]
[Figure 6]
qBoard Through-hole Diameter: ø1.1+0
+0.1


Similar Part No. - HNC2-2.5S-6

ManufacturerPart #DatasheetDescription
logo
LEM
HNC-050P LEM-HNC-050P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-050P LEM-HNC-050P Datasheet
748Kb / 2P
   Current Transducer
HNC-050P LEM-HNC-050P_06 Datasheet
748Kb / 2P
   Current Transducer
HNC-100P LEM-HNC-100P Datasheet
57Kb / 2P
   Current Transducer HNC- 050~100P
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
   Current Transducer HNC- 200~300P
More results

Similar Description - HNC2-2.5S-6

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-2S-2.5R24 HIROSE-DF1-2S-2.5R24 Datasheet
238Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com