Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX2CA1-32S-1.27DSL Datasheet(PDF) 1 Page - Hirose Electric

Part # FX2CA1-32S-1.27DSL
Description  1.27mm Pitch Multi-function Two Piece Connector
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2CA1-32S-1.27DSL Datasheet(HTML) 1 Page - Hirose Electric

  FX2CA1-32S-1.27DSL Datasheet HTML 1Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 2Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 3Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 4Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 5Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 6Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 7Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 8Page - Hirose Electric FX2CA1-32S-1.27DSL Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
A142
1.27mm Pitch Multi-function Two Piece Connector
FX2 Series
sFeatures
1. Various connection with various product line
2. Easy One-Touch Operation
Stacking connection
Through hole type SMT type Through hole type
Through hole type
SMT type
SMT type
Vertical type
Cable connection
Cable only
(For insertion, the operation proceeds from procedure (2) to (1).)
The ribbon cable connection type allows easy one-touch operation
with either single hand.
Stacking connection (Stack height: 12~16mm)
Horizontal Connection
Insersion and Extraction
Vertical Connection
12mm~16mm
25mm
Through hole type
Horizontal type
Vertical type
Through hole type SMT type
Cable connection
Cable only
SMT type
qPick internal locks with thumb and the index finger.
wWith unique and preferable click feeling, the cable and connector
can be inserted or withdrawed.


Similar Part No. - FX2CA1-32S-1.27DSL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2CA1-020P-1.27DSA HIROSE-FX2CA1-020P-1.27DSA Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2CA1-020P-1.27DSA(71) HIROSE-FX2CA1-020P-1.27DSA(71) Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2CA1-020P-1.27DSAL HIROSE-FX2CA1-020P-1.27DSAL Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2CA1-020P-1.27DSAL(71) HIROSE-FX2CA1-020P-1.27DSAL(71) Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2CA1-032P-1.27DSA HIROSE-FX2CA1-032P-1.27DSA Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
More results

Similar Description - FX2CA1-32S-1.27DSL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com