Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIF4-40P-3.18W Datasheet(PDF) 7 Page - Hirose Electric

Part # HIF4-40P-3.18W
Description  Ribbon Cable Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF4-40P-3.18W Datasheet(HTML) 7 Page - Hirose Electric

  HIF4-40P-3.18W Datasheet HTML 1Page - Hirose Electric HIF4-40P-3.18W Datasheet HTML 2Page - Hirose Electric HIF4-40P-3.18W Datasheet HTML 3Page - Hirose Electric HIF4-40P-3.18W Datasheet HTML 4Page - Hirose Electric HIF4-40P-3.18W Datasheet HTML 5Page - Hirose Electric HIF4-40P-3.18W Datasheet HTML 6Page - Hirose Electric HIF4-40P-3.18W Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
B8
Note 1: Cable length tolerance
500 +10, 0 max. (mm)
500 +3%, 0% min.
Note 2.When a twist cable or a slit (like a
roller screen) cable is used, the
cable pitch will change according
to
cable
manufacturers.
If
connection failure has occurred,
consult HRS Sales Department.
According to the illustration on
the left, the illustration 1 indicates
these positions on the right.
Type CC
C side
C side
* K mark and K mark
K
mark and K mark
Type AA
A side
A side
* K mark and K mark
K
mark and K mark
Contact positions are designated with marks as shown below.
Type AC
A side
C side
* K mark and K mark
K
mark and K mark


Similar Part No. - HIF4-40P-3.18W

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-052DT-1.27R HIROSE-HIF12-052DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-060DT-1.27R HIROSE-HIF12-060DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-068DT-1.27R HIROSE-HIF12-068DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-080DT-1.27R HIROSE-HIF12-080DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
More results

Similar Description - HIF4-40P-3.18W

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Adam Technologies, Inc.
MR50-PF-HD-4P ADAM-TECH-MR50-PF-HD-4P Datasheet
95Kb / 1P
   RIBBON 50P CABLE PLUG CONNECTOR
logo
Hirose Electric
HIF3E-10PA-2.54DS HIROSE-HIF3E-10PA-2.54DS Datasheet
123Kb / 2P
   Ribbon Cable Connector (Pin Header)
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
408-9515 MACOM-408-9515 Datasheet
143Kb / 5P
   Ribbon Cable Notcher
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Assmann Electronics Inc...
AWG28-44-G-1-300-R ASSMANN-AWG28-44-G-1-300-R Datasheet
582Kb / 1P
   GREY RIBBON CABLE
AWG28-20-G-1-300 ASSMANN-AWG28-20-G-1-300 Datasheet
566Kb / 1P
   GREY RIBBON CABLE
AWG28-40-G-1-300 ASSMANN-AWG28-40-G-1-300 Datasheet
881Kb / 1P
   GREY RIBBON CABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com