Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDH-12820CID Datasheet(PDF) 2 Page - Hirose Electric

Part # HDH-12820CID
Description  Couplers with Connectors (H Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HDH-12820CID Datasheet(HTML) 2 Page - Hirose Electric

  HDH-12820CID Datasheet HTML 1Page - Hirose Electric HDH-12820CID Datasheet HTML 2Page - Hirose Electric HDH-12820CID Datasheet HTML 3Page - Hirose Electric HDH-12820CID Datasheet HTML 4Page - Hirose Electric HDH-12820CID Datasheet HTML 5Page - Hirose Electric HDH-12820CID Datasheet HTML 6Page - Hirose Electric HDH-12820CID Datasheet HTML 7Page - Hirose Electric HDH-12820CID Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
17
Series Name: HD (Directional Couplers)
Type of Connector
H: Indicates the HRM (SMA) Series
Center Frequency
008: 0.75GHz
015: 1.5GHz
017: 1.7GHz
020: 2.0GHz
030: 3.0GHz
040: 4.0GHz
060: 6.0GHz
090: 9.0GHz
128: 12.8GHz
sOrdering Information
sSpecifications
HD H - 008 03 G H D
1
2
3
4
5
6
7
1
2
3
Coupling
03:3dB
Frequency Relative Bandwidth
B:From 5% to below 10%
C:From 10% to below 15%
D:From 15% to below 20%
G:From 30% to below 35%
Form
H:H Type
D:With Termination
4
5
6
7
Frequency
Range
(GHz)
Coupling
(dB)
Frequency
Sensitivity
Directivity
(dB Min)
Primary Line
V.S.W.R.
(Max)
Secondary Line
V.S.W.R.
(Max)
Weight
(g)
Power
(W)
HDH-00803GHD
0.5
~1.0
3+0.2
±0.5
20
1.15
1.15
49
02
HDH-01503GH
1.0
~2.0
3+0.2
±0.5
20
1.20
1.20
34
50
HDH-01503GHD
1.0
~2.0
3+0.2
±0.5
20
1.20
1.20
34
2
HDH-01703CH
1.5
~1.9
3+0.2
±0.3
20
1.20
1.20
34
50
HDH-01703CHD
1.5~1.9
3+0.2
±0.3
20
1.20
1.20
34
2
HDH-02003DHD
1.7~2.3
3+0.2
±0.3
18
1.20
1.20
34
2
HDH-03003GHD
2.0~4.0
3+0.2
±0.5
18
1.20
1.20
25
2
HDH-04003BH
3.7~4.2
3+0.2
±0.3
20
1.20
1.20
23
50
HDH-06003GHD
4.0~7.8
3+0.3
±0.5
17
1.25
1.25
23
2
HDH-09003GHD
8.0~11.0
3+0.3
±0.5
15
1.30
1.30
31
2
HDH-12803CHD
10.5~14.5
3+0.6
±0.5
12
1.40
1.40
31
2
0
0
0
0
0
0
0
0
0
0
0
Part Number
qDirectivity have had the coupling (nominal value of 3 dB) subtracted.
qThere is a phase difference of 90°between the output and the coupling.


Similar Part No. - HDH-12820CID

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH-12820CID HIROSE-HDH-12820CID Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
More results

Similar Description - HDH-12820CID

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HDH HIROSE-HDH Datasheet
434Kb / 8P
   Couplers with Connectors (H Type)
logo
American Accurate Compo...
DCP1833-10 AAC-DCP1833-10 Datasheet
193Kb / 2P
   RF Directional Couplers (SMA / TAB Type)
logo
Schurter Inc.
60000214 SCHURTER-60000214 Datasheet
82Kb / 1P
   APPLIANCE COUPLERS
logo
Communications & Power ...
VWP1137 CPI-VWP1137 Datasheet
90Kb / 1P
   Power Couplers
VWP3032 CPI-VWP3032 Datasheet
84Kb / 1P
   Power Couplers
logo
American Accurate Compo...
QPH9232 AAC-QPH9232 Datasheet
265Kb / 2P
   RF Couplers
logo
Schurter Inc.
60040215 SCHURTER-60040215 Datasheet
70Kb / 1P
   APPLIANCE COUPLERS
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com