Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS515F Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS515F
Description  Surface MountSchottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS515F Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS515F Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS515F Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS515F Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Barrier Rectifier
Reverse Voltage - 20 to 200V
Forward Current - 5.0A
FEATURES
Metal silicon junction, majority carrier conduction
• For surface mounted applications
• Low power loss, high efficiency
• High forward surge current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
25
°C
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code: SS52 — SS520
Simplified outline SMAF and symbol
MECHANICAL DATA
pprox. Weight:
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg / 0.00095oz
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
Typical Junction Capacitance
20
40
V
14
28
V
V
5.0
-55 ~ +125
A
A
V
mA
pF
°C
Units
20
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 5 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
SS52F
SS54F
SS56F
SS58F
SS510F
SS512F
SS515F
SS520F
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
100
0.55
0.70
0.85
800
-55 ~ +150
°C
120
120
150
105
150
200
140
200
1.0
50
500
2)
45
Typical Thermal Resistance
RθJA
°C/W
150
70
84
0.45
1
2
1)
Measured at 1MHz and applied reverse voltage of 4 V D.C.
2)
P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
1)
SS52F THRU SS520F


Similar Part No. - SS515F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS515F JUXING-SS515F Datasheet
759Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Xian Semipower Electron...
SS515F SEMIPOWER-SS515F Datasheet
121Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
SS515F YFWDIODE-SS515F Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
SS515F ZSELEC-SS515F Datasheet
129Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Gaomi Xinghe Electronic...
SS515F GXELECTRONICS-SS515F Datasheet
452Kb / 2P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS515F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SSL54F YFWDIODE-SSL54F Datasheet
195Kb / 3P
   Surface MountSchottky Barrier Rectifier
SS52BF YFWDIODE-SS52BF Datasheet
164Kb / 3P
   Surface MountSchottky Barrier Rectifier
DS32W YFWDIODE-DS32W Datasheet
84Kb / 3P
   Surface MountSchottky Barrier Rectifier
SS12F YFWDIODE-SS12F Datasheet
163Kb / 3P
   Surface MountSchottky Barrier Rectifier
SS22F YFWDIODE-SS22F Datasheet
160Kb / 3P
   Surface MountSchottky Barrier Rectifier
SSL34F YFWDIODE-SSL34F Datasheet
89Kb / 3P
   Surface MountSchottky Barrier Rectifier
SSL12F YFWDIODE-SSL12F Datasheet
190Kb / 3P
   Surface MountSchottky Barrier Rectifier
SS32BF YFWDIODE-SS32BF Datasheet
87Kb / 3P
   Surface MountSchottky Barrier Rectifier
DS22W YFWDIODE-DS22W Datasheet
81Kb / 3P
   Surface MountSchottky Barrier Rectifier
SS32F YFWDIODE-SS32F Datasheet
173Kb / 3P
   Surface MountSchottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com