Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT5-1P-DSK Datasheet(PDF) 3 Page - Hirose Electric

Part # GT5-1P-DSK
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1P-DSK Datasheet(HTML) 3 Page - Hirose Electric

  GT5-1P-DSK Datasheet HTML 1Page - Hirose Electric GT5-1P-DSK Datasheet HTML 2Page - Hirose Electric GT5-1P-DSK Datasheet HTML 3Page - Hirose Electric GT5-1P-DSK Datasheet HTML 4Page - Hirose Electric GT5-1P-DSK Datasheet HTML 5Page - Hirose Electric GT5-1P-DSK Datasheet HTML 6Page - Hirose Electric GT5-1P-DSK Datasheet HTML 7Page - Hirose Electric GT5-1P-DSK Datasheet HTML 8Page - Hirose Electric GT5-1P-DSK Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Terminals for coaxial shielded cable
F Connector Terminals
*
*
*
*
*
*
*
GT5-30/0.7-1.5SCF
GT5-2428/1.6-2.5SCF
GT5-30/1.6-2.9SCF
GT5-2428/1.6-2.9SCF
GT5-2022/1.6-2.9SCF
GT5-2022/F2.7-3.5SCF
GT5-2022/F3.3-3.8SCF
GT5-30/3.3-5SCF
GT5-2428/F3.3-5SCF
GT5-2022/F3.3-5SCF
GT5-30/F4-5SCF
GT5-2428/F4-5SCF
GT5-2022/F4-5SCF
755-0065-1
755-0078-3
755-0022-9
755-0002-1
755-0071-4
755-0077-0
755-0054-5
755-0016-6
755-0012-5
755-0034-8
755-0020-3
755-0024-4
755-0036-3
#30 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#24 to 28 or equivalent
#20 to 22 or equivalent
#20 to 22 or equivalent
#20 to 22 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#20 to 22 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#20 to 22 or equivalent
Part Number
CL No.
Inner Insulation
Diameter
0.6 to 0.9mm
1.5 to 2.0mm
1.5 to 2.0mm
2.4 to 2.9mm
2.5 to 2.9mm
2.5 to 2.9mm
3.0 to 3.6mm
1.4 to 1.8mm
2.3 to 2.7mm
2.6 to 3.4mm
3.3 to 3.7mm
3.6 to 4.0mm
4.6 to 5.0mm
4.6 to 5.0mm
1,300 pcs. per reel
1,300 pcs. per reel
1,300 pcs. per reel
1,100 pcs. per reel
1,100 pcs. per reel
1,100 pcs. per reel
1,100 pcs. per reel
Outer
Diameter
Packaging
Conductor Size (AWG)
Note: Products marked with an asterisk (*) indicate polyethylene foam insulation.
Part
Insulator
Crimp terminals
Outer terminals
Material
PBT
Phosphor bronze
Brass
Finish
Color: Dark gray
Tin plating
Tin plating
*
*
*
*
*
*
*
GT5-30/0.7-1.5PCF
GT5-30/1.6-2.9PCF
GT5-2428/1.6-2.9PCF
GT5-2022/1.6-2.9PCF
GT5-2022/F2.7-3.5PCF
GT5-2022/F3.3-3.8PCF
GT5-30/F3.3-5PCF
GT5-2428/F3.3-5PCF
GT5-2022/F3.3-5PCF
GT5-30/F4-5PCF
GT5-2428/F4-5PCF
GT5-2022/F4-5PCF
755-0017-9
755-0021-6
755-0001-9
755-0094-0
755-0076-8
755-0053-2
755-0015-3
755-0011-2
755-0033-5
755-0019-4
755-0023-1
755-0035-0
#30 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#20 to 22 or equivalent
#20 to 22 or equivalent
#20 to 22 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#20 to 22 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#20 to 22 or equivalent
Part Number
CL No.
Inner Insulation
Diameter
0.6 to 0.9mm
1.5 to 2.0mm
2.4 to 2.9mm
2.5 to 2.9mm
2.5 to 2.9mm
3.0 to 3.6mm
1.4 to 1.8mm
2.6 to 3.4mm
3.3 to 3.7mm
3.6 to 4.0mm
4.6 to 5.0mm
4.6 to 5.0mm
900 pcs. per reel
900 pcs. per reel
900 pcs. per reel
900 pcs. per reel
900 pcs. per reel
900 pcs. per reel
Outer
Diameter
Packaging
Conductor Size (AWG)
Note: Products marked with an asterisk (*) indicate polyethylene foam insulation.
Part
Insulator
Crimp terminals
Outer terminals
Material
PBT
Brass
Brass
Finish
Color: Dark gray
Tin plating
Tin plating
M Connector Terminals
Low-insertion M Connector Terminals
Part
Insulator
Crimp terminals
Outer terminals
Material
PBT
Brass
Brass
Finish
Color: Dark gray
Tin plating
Tin plating
GT5L-30/0.7-1.5PCF
GT5L-30/1.6-2.9PCF
GT5L-2428/1.6-2.9PCF
GT5L-2428/1.6-2.5PCF
755-0068-0
755-0067-7
755-0066-4
755-0079-6
#30 or equivalent
#30 or equivalent
#24 to 28 or equivalent
#24 to 28 or equivalent
Part Number
HRS No.
Inner Insulation
Diameter
0.6 to 0.9mm
1.5 to 2.0mm
1.4 to 1.8mm
2.6 to 3.4mm
900 pcs. per reel
900 pcs. per reel
Outer
Diameter
Packaging
Conductor Size (AWG)
29


Similar Part No. - GT5-1P-DSK

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT5-1P-DS HIROSE-GT5-1P-DS Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
More results

Similar Description - GT5-1P-DSK

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT10A-2022SCF HIROSE-GT10A-2022SCF Datasheet
409Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT11-2S-5.2C HIROSE-GT11-2S-5.2C Datasheet
416Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT16-2428SCF HIROSE-GT16-2428SCF Datasheet
224Kb / 9P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT1-1S-2428 HIROSE-GT1-1S-2428 Datasheet
501Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-1.3PT HIROSE-GT14-1.3PT Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
logo
List of Unclassifed Man...
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com