Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIF6H-060PA-1.27DSA Datasheet(PDF) 1 Page - Hirose Electric

Part # HIF6H-060PA-1.27DSA
Description  0.635mm Pitch ID Cable Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF6H-060PA-1.27DSA Datasheet(HTML) 1 Page - Hirose Electric

  HIF6H-060PA-1.27DSA Datasheet HTML 1Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 2Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 3Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 4Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 5Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 6Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 7Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 8Page - Hirose Electric HIF6H-060PA-1.27DSA Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
B65
0.635mm Pitch ID Cable Connector
HIF6H Series
sFeatures
1. Batch Insulation Displacement of 0.635mm Pitch ID
Cable Connector
The 0.635mm pitch cable can be insulated and displaced at a
time. HIF6 series is displaced two sheets cable with one sheet
cable.
2. Applicable Cable AWG#30
The applicable cable is AWG#30 cable.
3. Achieve Bus-line Connection
This connector allows connection to No. 1 pin. By changing the
cover, bus-line connection can be allowed.
4. Compatibility
This connector allows engagement with the HIF6A(B) series
header. However, the lock header is used for the HIF6H series
only.
Note: HIF6H series should be ordered together with the cable.
sProduct Specifications
Rating
Current rating : 0.5A
Operating Temperature Range : -55 to +85ç(Note 1) Storage Temperature Range : -10 to +60ç(Note 2)
Voltage rating : 125V AC Operating Moisture Range : -40 to 80%
Storage Humidity Range
: -40 to 70%(Note 2)
sMaterial
Part
Material
Finish
Remarks
sApplications
Computers, peripheral terminal equipment, various kinds of business machines.
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
250V DC
2. Withstanding voltage
No flashover or insulation breakdown.
300V AC/1 minute
3. Contact Resistance
30m ohms max.
0.1A
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Insulation resistance: 1000M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
No damage, cracks, or parts looseness.
(-65ç: 30 minutes ->15 to 35ç: 5 minutes max.
(125ç: 30 minutes-> 15 to 35ç: 5 minutes max.) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 30m ohms max.
500 cycles
8. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 260ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Insulator
PBT
Black
UL94V-0
Socket Contact
Copper alloy
Selective gold plated
–––––––
Pin header contact
Brass


Similar Part No. - HIF6H-060PA-1.27DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6H-040PA-1.27DS HIROSE-HIF6H-040PA-1.27DS Datasheet
199Kb / 4P
   1.27 Pitch Coaxial Ribbon Cable Connector
HIF6H-080PA-1.27DS HIROSE-HIF6H-080PA-1.27DS Datasheet
199Kb / 4P
   1.27 Pitch Coaxial Ribbon Cable Connector
More results

Similar Description - HIF6H-060PA-1.27DSA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DZ02 JAE-DZ02 Datasheet
199Kb / 5P
   0.635mm Pitch Interface Connector
logo
List of Unclassifed Man...
8925E ETC-8925E Datasheet
2Mb / 14P
   1.27mm PITCH LOW PROFILE CONNECTORS FOR 0.635MM PITCH FLAT CABLE
logo
Hirose Electric
SX1B-72S-0.635SH HIROSE-SX1B-72S-0.635SH Datasheet
217Kb / 6P
   0.635mm Pitch S.O. DIMM Socket
logo
Richtek Technology Corp...
RT1710 RICHTEK-RT1710 Datasheet
263Kb / 14P
   Cable ID for USB Type-C Cables
logo
PHOENIX CONTACT
3240797 PHOENIX-3240797 Datasheet
59Kb / 3P
   Cable tie - WT-ID HF 4,5X200 BU
09/12/2020
logo
Richtek Technology Corp...
RT1731 RICHTEK-RT1731 Datasheet
1Mb / 25P
   Cable ID for USB Type-C Cables
logo
PHOENIX CONTACT
3240796 PHOENIX-3240796 Datasheet
58Kb / 3P
   Cable tie - WT-ID HF 3,5X200 BU
09/12/2020
logo
Molex Electronics Ltd.
0981941212 MOLEX1-0981941212_18 Datasheet
31Kb / 1P
   2.54mm Pitch MOX FFC/FPC Solder Terminal, Female, 0.635mm , Reel
0643251010 MOLEX1-0643251010_18 Datasheet
49Kb / 2P
   CMC Blind Plug for cavity 0.635mm
logo
Pepperl+Fuchs Inc.
WCS3-ID70-M1 PF-WCS3-ID70-M1 Datasheet
107Kb / 1P
   ID Pad
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com