Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN7531 Datasheet(PDF) 2 Page - Mallory performance club

Part # PN7531
Description  Programmable Digital-7 Plus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN7531 Datasheet(HTML) 2 Page - Mallory performance club

  PN7531 Datasheet HTML 1Page - Mallory performance club PN7531 Datasheet HTML 2Page - Mallory performance club PN7531 Datasheet HTML 3Page - Mallory performance club PN7531 Datasheet HTML 4Page - Mallory performance club PN7531 Datasheet HTML 5Page - Mallory performance club PN7531 Datasheet HTML 6Page - Mallory performance club PN7531 Datasheet HTML 7Page - Mallory performance club PN7531 Datasheet HTML 8Page - Mallory performance club PN7531 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
WIRING
Ignition supply wire. Connects to battery positive (+) terminal or battery junction.
Note: Do not connect to the alternator.
Ignition supply Ground wire. Connect to battery negative (-) terminal or engine block.
Red
On/Off switch wiring. Connects to a switched 12 volt source.
Primary Coil Leads
Orange
Connects to the coil positive (+) terminal. This is the only wire that makes contact to
the coil positive terminal.
Black
Connects to the coil negative (-) terminal. This is the only wire that makes contact to
the coil negative terminal.
WARNING: High voltage is present at the coil primary terminals. Do not touch the coil or
connect test equipment to the terminals while the engine is running or cranking.
Green
2-Pin
Heavy
Red
Heavy
Black
MULTIPLE SPARKS
The MSD produces full power multiple sparks for each firing of a plug. The number of multiple sparks that occur
decreases as rpm increases, however the spark series always lasts for 21° of crankshaft rotation. Above 3,300 rpm
there is simply not enough “time” to fire the spark plug more than once, so there is only one powerful spark.
PROTECTION
The MSD Programmable Digital-7 Plus has a built in reverse polarity protection circuit. This will protect the ignition
in the event of wrong connections. It will also shut off for protection from a surge in power. The ignition will still
operate once the surge or polarity is corrected.
LED INDICATOR
There is an LED that monitors the status of the Ignition. The LED will verify trigger inputs and will flash trouble
codes such as a Code 2-blinks for No Cam Sync or Code 3-blinks for Low Battery supply voltage.
CAMSHAFT SYNCHRONIZATION
This is used only in applications where the individual cylinder timing is going to be used. The 2-pin connector
with a Light Blue and Light Green wire connects to a sensor that is used to synchronize or alert the Ignition as to
when the number one cylinder is going to be triggered. With this information, the Ignition knows which cylinder
is being fired allowing for the individual cylinder timing capabilities. MSD offers two kits to use for sync signals:
Universal Cam Sync Sensor, PN 2346 and a Fiber Optic Inductive Pickup Kit, PN 7555.
Trigger Wires
Violet/
Magnetic pickup, 2-pin connector. Plugs into an MSD Distributor or Crank Trigger
pickup. Violet is positive, Green is negative. Note: When this connector is used, the
White wire is not connected.
White
Trigger input for electronic ignition amplifiers, an ECU’s trigger or points.
Note: When this wire is used, the magnetic pickup wire is not connected.
Tach Output
Gray
Tach output. This wire will provide the same 12 volt square wave tach signal as the
tach terminal on the side of the unit.


Similar Part No. - PN7531

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN75 PREMO-PN75 Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN75-100M PREMO-PN75-100M Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN75-101K PREMO-PN75-101K Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN75-102K PREMO-PN75-102K Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
PN75-120M PREMO-PN75-120M Datasheet
435Kb / 17P
   SMD Power Inductors Unshielded
More results

Similar Description - PN7531

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
7531 MALLORY-7531 Datasheet
901Kb / 20P
   Programmable Digital-7 Plus
7330 MALLORY-7330 Datasheet
1Mb / 12P
   Programmable Digital-7 Plus
logo
Omron Electronics LLC
E5AR-T OMRON-E5AR-T Datasheet
1Mb / 12P
   Programmable Digital Controller
E5ER-T OMRON-E5ER-T Datasheet
939Kb / 10P
   Programmable Digital Controller
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
   Programmable Digital Thermostat
logo
Littelfuse
MPU-32 LITTELFUSE-MPU-32 Datasheet
490Kb / 2P
   Programmable digital input
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
logo
Analog Devices
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
   SIEMENS PROGRAMMABLE DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com