Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMUA-8AS-3H Datasheet(PDF) 3 Page - Hirose Electric

Part # HMUA-8AS-3H
Description  MU Type Fiber Optic Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HMUA-8AS-3H Datasheet(HTML) 3 Page - Hirose Electric

  HMUA-8AS-3H Datasheet HTML 1Page - Hirose Electric HMUA-8AS-3H Datasheet HTML 2Page - Hirose Electric HMUA-8AS-3H Datasheet HTML 3Page - Hirose Electric HMUA-8AS-3H Datasheet HTML 4Page - Hirose Electric HMUA-8AS-3H Datasheet HTML 5Page - Hirose Electric HMUA-8AS-3H Datasheet HTML 6Page - Hirose Electric HMUA-8AS-3H Datasheet HTML 7Page - Hirose Electric HMUA-8AS-3H Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7
sFunction diagram
Simplex plug
Terminator
Duplex plug
8-position Backpanel side
8-position package side
Terminator
Simplex J plug
Duplex package side
Dust cap
Sleeve holder
Duplex backpanel side
Dust cap
HMUA-TM-P2
HMUB-L2HA-1 or
HMUB-L2HB-1
HMUB-SH-1
HMUB-DJ-1
HMUB-L2PA-1
HMUAJ-P1-H1 or
HMUAJ-P1-H2 and
HMUA-F3-A1**
HMUAJ-TM-P1
HMUB-L8PA-1
HMUA-2P2-H1 or
HMUA-2P2-H2 and
HMUA-F3-A1**
HMUB-DP-1
HMUA-P2-H1 or
HMUA-P2-H2 and
HMUA-F3-A1**
Package
Gold plate side
Back panel
Thickness:
2.4mm or 3.2mm
HMUB-L8HA-1 or
HMUB-L8HB-1


Similar Part No. - HMUA-8AS-3H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMUA-TM-P2 HIROSE-HMUA-TM-P2 Datasheet
154Kb / 4P
   Optical Terminators
More results

Similar Description - HMUA-8AS-3H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Hirose Electric
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
logo
ITT Industries
FOMC ITT-FOMC Datasheet
354Kb / 5P
   Fiber Optic Multi-Channel Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com