Selected language     English  â–¼


N-TMP-1-1 Datasheet(PDF) 2 Page - Hirose Electric

Part No. N-TMP-1-1
Description  Non-reflective Terminations (N, TNC, SSMA, POB, FL, and PO6)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 2 page
background image
65
sSpecifications
sTypical Data
I
0.0I
I.20
I.I5
V S W R
I.I0
I.00
234567
8
Part Number
Frequency
Range
(GHz)
Power
(W)
Weight
(G)
59
113
19
5
2
3
3
4
4
72
1
1.15
1.20
-------
1.10
5
1.15
1
-------
1.20
1.15
1/4
1.15
-------
1.25
1.25
1.10
1/4
-------
1.10
1/4
-------
-------
1.10
1/4
1.10
1/4
1.15
1.15
1.10
1.10
1/4
3
DC
~8
DC
~6
DC
~2
DC
~12.4
DC
~1
DC
~2
DC
~2
DC
~18
DC
~18
DC
~6
N-TMP-1-1
N-TMP-5
TNC-TMP-1
POB-TMP-025
FL-TMP-025-1
PO6-TMP-025-1
PO6-TMLP-025
HRMM-601A
HRMM-602A
N-TMP-3-2
-------
-------
1.20
1.20
1.15
N-P
N-P
TNC-P
POB-P
FL-P
P06-P
P06-P
HRMM · P
HRMM · J
N-P
Connectors
DC
~
1GHz
1
~
2GHz
2
~
4GHz
4
~
6GHz
6
~
8GHz
8
~
12.4GHz
12.4
~
18GHz
V.S.W.R.(Max)
N-TMP-1-1
FL-TMP-025-1
PO6-TMP-025-1
HRMM-601A
HRMM-602A




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HRM-TM-025Stripline Non-reflective Terminations Externally Mounted 1 2 3 Hirose Electric
HT-025-1Stripline Mounting Non-reflective Terminations 1 2 3 4 5 Hirose Electric
AN246Transmission lines and terminations with Philips Advanced Logic families 1 2 3 4 5 MoreNXP Semiconductors
BNC-TMJ-30Non-reflective Terminations Box Type 1 Hirose Electric
BBAI-1203Coaxial Terminations 1 and 2 Point Direct PCB 1 ITT Industries
BNC-TMP-05Non-reflective Terminations BNC 1 2 3 Hirose Electric
HRM-601Non-reflective Terminations SMA Type 1 2 3 Hirose Electric
PEF2256HE1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
MPMZ2202200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors 1 2 3 4 5 MoreFreescale Semiconductor, Inc
M35053SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS   1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl