Selected language     English  â–Ľ


N-TMP-5 Datasheet(PDF) 1 Page - Hirose Electric

Part No. N-TMP-5
Description  Non-reflective Terminations (N, TNC, SSMA, POB, FL, and PO6)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 1 page
background image
64
Non-reflective Terminations (N, TNC, SSMA, POB, FL, and PO6)
N, TNC, POB, FL, PO6, and HRMM-TM Series
1.High Performance
These super wide bandwidth/ultra high matching non-
reflective termination use Hirose Electric original high
frequency matching technology.
2.Full Compliment of Connector Forms
are Available
A wide variety of types are available in addition to the
BNC and SMA (Hirose Electric HRM Series) types.
These include the world standard N, TNC, and SSMA
(Hirose Electric HRMM Series) types, our miniaturized
FL Series, and the PO6 Series with apertures.
sFeatures
Item
Conditions
Standard
sProduct Specifications
Ratings
-10
ç to +65ç
95% Max.
Operating temperature range
Operating relative humidity
DC to 18.0 GHz
50 ohms
0.25 to 5 W
Frequency range (Note)
Characteristic impedance
Maximum usable power (Note)
1.Vibration
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
2.Shock
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
3.Temperature cycle
Temperature: -55
ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
No electrical discontinuity of 1 µs or more
qThe test method conforms to MIL-STD-202.
Note: The frequency range and the maximum input power will differ depending on the products.
Part
Connector Body
Insulator
Male contacts
External contacts
Coupling
Radiator
Resistor
Material
Brass
PTFE
Brass
Phosphor bronze
Brass
Aluminum
Metal film
Finish
Nickel plating
----------
Gold plating
Silver plating
Nickel plating
Black alumite
----------
Part
Connector Body
Insulator
Male contacts
Resistor
Brass
PTFE
Brass
Metal film
Nickel plating
----------
Gold plating
----------
Material
Finish
Part
Connector Body
Insulator
Male contacts
Female contacts
Outer conductor
Coupling
Resistor
Material
Stainless steel
PTFE
Brass
Beryllium copper
Brass
Stainless steel
Metal film
Finish
Nickel plating
----------
Gold plating
Gold plating
Nickel plating
Passivated
----------
sMaterials
N Type
TNC, POB, FL, and PO6 Types
HRMM Type
sOrdering Information
Series name
TM:Indicates a non-reflective termination
Connector type
P: Plug type
J: Jack type
Power
(Example) 025: 0.25 W
1 : 1 W
Suffix
1
2
3
4
5
1
2
3
4
5
P06 - TM P - 025 - 1
N, TNC, POB, FL, and PO6 Types
Series Name: HRMM Series
600 to 699: Indicates a non-reflective termination
Coupling Finish
A: Passivated (without cap)
1
2
3
1
2
3
HRMM - 601 A
HRMM Type
FL-TMP-025-1 PO6-TMP-025-1
PO6-TMLP-025
HRMM-601A
HRMM-602A
POB-TMP-025
TNC-TMP-1
N-TMP-1-1
N-TMP-3-2
N-TMP-5




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HRM-TM-025Stripline Non-reflective Terminations Externally Mounted 1 2 3 Hirose Electric
HT-025-1Stripline Mounting Non-reflective Terminations 1 2 3 4 5 Hirose Electric
AN246Transmission lines and terminations with Philips Advanced Logic families 1 2 3 4 5 MoreNXP Semiconductors
BNC-TMJ-30Non-reflective Terminations Box Type 1 Hirose Electric
BBAI-1203Coaxial Terminations 1 and 2 Point Direct PCB 1 ITT Industries
BNC-TMP-05Non-reflective Terminations BNC 1 2 3 Hirose Electric
HRM-601Non-reflective Terminations SMA Type 1 2 3 Hirose Electric
PEF2256HE1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications 1 2 3 4 5 MoreInfineon Technologies AG
MPMZ2202200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors 1 2 3 4 5 MoreFreescale Semiconductor, Inc
M35053SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS   1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl