Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIF3FC Datasheet(PDF) 1 Page - Hirose Electric

Part # HIF3FC
Description  2.54mm Pitch Low Profile Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF3FC Datasheet(HTML) 1 Page - Hirose Electric

  HIF3FC Datasheet HTML 1Page - Hirose Electric HIF3FC Datasheet HTML 2Page - Hirose Electric HIF3FC Datasheet HTML 3Page - Hirose Electric HIF3FC Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A106
2.54mm Pitch Low Profile Connector
HIF3FB and HIF3FC Series
sFeatures
1. Flux Prevention
HIF3FC series straight type takes complete flux
tight measures.
2. Low Profile
The pin header is a low profile of height 9.2mm.
The board to board clearance is 12.2mm for
stacking connection.
sApplications
Computers, termination equipment, various kinds
of electronic equipment, Office Automation
machines and so on
sProduct Specifications
Rating
Current rating: 1A
Voltage rating: 200V AC
Operating Temperature Range: -55 to +85ç (Note 1)
Operating Humidity Range: 40 to 80%
Storage Temperature Range: -10 to +60ç (Note 2)
Operating Humidity Range: 40 to 70%
(Note 2)
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sOrdering Information
sMaterial
HIF 3FC- * P A - 2.54 DSA
qw
r
et
y
u
t A: Selective gold plating
y Contact pitch: 2.54mm
u Contact type
DSA : Straight type
DS : Right angle type
q Series Name
: HIF
w Series No.
: 3FB (60, 64 contacts)
3FC (10~50 contacts)
e Number of contacts: 10, 14, 16, 20, 26, 30, 34, 40, 50, 60, 64
r
P
: Pin header
D
: Socket
Insulator
Contact
Pin header
Receptacle
PBT
Brass
Copper alloy
Black
Selective gold plated
UL94V-0
________
Parts
Material
Finish
Remarks
Flow: 260ç for 10 seconds
Manual soldering: 300ç for 3 seconds
500V DC
650V AC/1 minute.
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
500 cycles
1000M ohms
No flashover or insulation breakdown.
15m ohms max.
No electrical discontinuity of 1µs or more
Insulation resistance: 1000M ohms min
Contact resistance: 15 m ohms max.
No deformation of components affecting performance.
No damage, cracks, or parts looseness.
(-55ç: 30 minutes¡15 to 35ç: 5 minutes max.¡
85ç: 30 minutes¡15 to 35ç: 5 minutes max.) 5 cycles
1. Insulation Resistance
2. Withstanding Voltage
3. Contact Resistance
4. Vibration
5. Humidity (Steady state)
6. Temperature Cycle
7. Durability (Mating/un-mating)
8. Resistance to Soldering heat
Item
Specification
Condition
Photo: HIF3FC Series


Similar Part No. - HIF3FC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF3F-10PA-2.54DS HIROSE-HIF3F-10PA-2.54DS Datasheet
120Kb / 3P
   Box type Pin Header to Prevent Mis-insertion
HIF3F-10PA-2.54DSA HIROSE-HIF3F-10PA-2.54DSA Datasheet
120Kb / 3P
   Box type Pin Header to Prevent Mis-insertion
HIF3F-16PA-2.54DS HIROSE-HIF3F-16PA-2.54DS Datasheet
120Kb / 3P
   Box type Pin Header to Prevent Mis-insertion
HIF3F-16PA-2.54DSA HIROSE-HIF3F-16PA-2.54DSA Datasheet
120Kb / 3P
   Box type Pin Header to Prevent Mis-insertion
HIF3F-20PA-2.54DS HIROSE-HIF3F-20PA-2.54DS Datasheet
120Kb / 3P
   Box type Pin Header to Prevent Mis-insertion
More results

Similar Description - HIF3FC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0705530002 MOLEX8-0705530002 Datasheet
681Kb / 8P
   2.54mm (.100") Pitch SL??Header, Low Profile
logo
DDK Ltd.
HU5-100PNA-R51TD20-FA DDK-HU5-100PNA-R51TD20-FA Datasheet
153Kb / 2P
   2.54mm Pitch Low Profile Pin Header Connectors
logo
Molex Electronics Ltd.
44812 MOLEX-44812 Datasheet
40Kb / 2P
   2.54mm (.100?? Pitch KK짰 Low Profile PC Board Receptacle
logo
Hirose Electric
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-20P-1.25H55 HIROSE-DF14A-20P-1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
logo
Assmann Electronics Inc...
AWHW26G-0102 ASSMANN-AWHW26G-0102 Datasheet
112Kb / 1P
   Boxheader - Low Profile 10-64 pin, straight pin, 2.54mm pitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com