Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRMM-602A Datasheet(PDF) 1 Page - Hirose Electric

Part # HRMM-602A
Description  Non-reflective Terminations (N, TNC, SSMA, POB, FL, and PO6)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRMM-602A Datasheet(HTML) 1 Page - Hirose Electric

  HRMM-602A Datasheet HTML 1Page - Hirose Electric HRMM-602A Datasheet HTML 2Page - Hirose Electric HRMM-602A Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64
Non-reflective Terminations (N, TNC, SSMA, POB, FL, and PO6)
N, TNC, POB, FL, PO6, and HRMM-TM Series
1.High Performance
These super wide bandwidth/ultra high matching non-
reflective termination use Hirose Electric original high
frequency matching technology.
2.Full Compliment of Connector Forms
are Available
A wide variety of types are available in addition to the
BNC and SMA (Hirose Electric HRM Series) types.
These include the world standard N, TNC, and SSMA
(Hirose Electric HRMM Series) types, our miniaturized
FL Series, and the PO6 Series with apertures.
sFeatures
Item
Conditions
Standard
sProduct Specifications
Ratings
-10
ç to +65ç
95% Max.
Operating temperature range
Operating relative humidity
DC to 18.0 GHz
50 ohms
0.25 to 5 W
Frequency range (Note)
Characteristic impedance
Maximum usable power (Note)
1.Vibration
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
No electrical discontinuity of 1 µs or more
No damage, cracks, or parts dislocation
2.Shock
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
3.Temperature cycle
Temperature: -55
ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
No electrical discontinuity of 1 µs or more
qThe test method conforms to MIL-STD-202.
Note: The frequency range and the maximum input power will differ depending on the products.
Part
Connector Body
Insulator
Male contacts
External contacts
Coupling
Radiator
Resistor
Material
Brass
PTFE
Brass
Phosphor bronze
Brass
Aluminum
Metal film
Finish
Nickel plating
----------
Gold plating
Silver plating
Nickel plating
Black alumite
----------
Part
Connector Body
Insulator
Male contacts
Resistor
Brass
PTFE
Brass
Metal film
Nickel plating
----------
Gold plating
----------
Material
Finish
Part
Connector Body
Insulator
Male contacts
Female contacts
Outer conductor
Coupling
Resistor
Material
Stainless steel
PTFE
Brass
Beryllium copper
Brass
Stainless steel
Metal film
Finish
Nickel plating
----------
Gold plating
Gold plating
Nickel plating
Passivated
----------
sMaterials
N Type
TNC, POB, FL, and PO6 Types
HRMM Type
sOrdering Information
Series name
TM:Indicates a non-reflective termination
Connector type
P: Plug type
J: Jack type
Power
(Example) 025: 0.25 W
1 : 1 W
Suffix
1
2
3
4
5
1
2
3
4
5
P06 - TM P - 025 - 1
N, TNC, POB, FL, and PO6 Types
Series Name: HRMM Series
600 to 699: Indicates a non-reflective termination
Coupling Finish
A: Passivated (without cap)
1
2
3
1
2
3
HRMM - 601 A
HRMM Type
FL-TMP-025-1 PO6-TMP-025-1
PO6-TMLP-025
HRMM-601A
HRMM-602A
POB-TMP-025
TNC-TMP-1
N-TMP-1-1
N-TMP-3-2
N-TMP-5


Similar Part No. - HRMM-602A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRMM-101 HIROSE-HRMM-101 Datasheet
247Kb / 5P
   RFCO-AXIAL CONNECTORS
HRMM-102-1 HIROSE-HRMM-102-1 Datasheet
247Kb / 5P
   RFCO-AXIAL CONNECTORS
HRMM-104 HIROSE-HRMM-104 Datasheet
247Kb / 5P
   RFCO-AXIAL CONNECTORS
HRMM-113-1 HIROSE-HRMM-113-1 Datasheet
247Kb / 5P
   RFCO-AXIAL CONNECTORS
HRMM-200-2-C HIROSE-HRMM-200-2-C Datasheet
247Kb / 5P
   RFCO-AXIAL CONNECTORS
More results

Similar Description - HRMM-602A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BNC-TMP-05 HIROSE-BNC-TMP-05 Datasheet
231Kb / 3P
   Non-reflective Terminations (BNC)
HRM-601 HIROSE-HRM-601 Datasheet
299Kb / 3P
   Non-reflective Terminations (SMA Type)
HT-025-1 HIROSE-HT-025-1 Datasheet
305Kb / 5P
   Stripline Mounting Non-reflective Terminations
BNC-TMJ-30 HIROSE-BNC-TMJ-30 Datasheet
54Kb / 1P
   Non-reflective Terminations (Box Type)
HRM-TM-025 HIROSE-HRM-TM-025 Datasheet
153Kb / 3P
   Stripline Non-reflective Terminations (Externally Mounted)
logo
Analog Devices
HMC284AMS8G AD-HMC284AMS8G Datasheet
309Kb / 6P
   Non-Reflective Design
logo
Hirose Electric
MR-201 HIROSE-MR-201 Datasheet
49Kb / 1P
   Feed-through Non-reflecting Terminations
logo
Pasternack Enterprises,...
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for SSMA Male
logo
Hittite Microwave Corpo...
HMC547LC3 HITTITE-HMC547LC3_12 Datasheet
535Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE
logo
M/A-COM Technology Solu...
M21262-12 MA-COM-M21262-12 Datasheet
1Mb / 73P
   Integrated loop filter and terminations
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com