Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV-TMP Datasheet(PDF) 1 Page - Hirose Electric

Part # HV-TMP
Description  DC to 65 GHz HV Coaxial Connector Plug Terminations
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HV-TMP Datasheet(HTML) 1 Page - Hirose Electric

  HV-TMP Datasheet HTML 1Page - Hirose Electric HV-TMP Datasheet HTML 2Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DC to 65 GHz HV Coaxial Connector Plug Terminations
HV-TM Series
2004.7
sFeatures
1. Low V.S.W.R.
1.15 (Typical DC to 50 GHz)
1.35 (Typical 50 to 65 GHz)
2. Space-saving design
Overall dimensions of only 9 mm dia. x 18.3 mm long
3. Lightweight
Total weight of only 5.5 g.
4. Usable over an extremely wide bandwidth
Usable over an extremely wide bandwidth of
frequencies: DC to 65 GHz.
5. Mating compatibility
Will mate with corresponding V Connector™. (Note)
6. Environmental considerations
Soldering compounds are lead-free.
sApplications
* Optical transmission devices
* Network analyzers
* BERTS (Bit Error Ratio Testing Systems)
* FWA (Fixed Wireless Access)
and for measurement purposes in other
applications requiring frequencies of up to 65 GHz.
sOverview
Low V.S.W.R. in the extremely high frequency
band and lightweight, supporting the next
generation of even higher signal speeds.
A suspended substrate line is used to achieve the
extremely high bandwidth and our unique design
of the interior components removes coupling
stress, while maintaining high reliability.
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
FREQUENCY(GHz)
0
10
20
30
40
50
60 65
High Frequency Characteristics (Typical)
Note: V Connectors is a registered trademark of Anritsu Corporation.


Similar Part No. - HV-TMP

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
HV-T MOXA-HV-T Datasheet
548Kb / 6P
   24G4 10GbE-port Layer 2/Layer 3 full Gigabit managed Ethernet switches
HV-T MOXA-HV-T Datasheet
629Kb / 6P
   24G2 10GbE-port Layer 3 full Gigabit managed Ethernet switches
HV-T MOXA-HV-T Datasheet
593Kb / 6P
   24G4 10GbE-port Layer 2 full Gigabit managed Ethernet switches
HV-T MOXA-HV-T Datasheet
589Kb / 6P
   24G2 10GbE-port Layer 2 full Gigabit managed Ethernet switches
logo
GETAI ELECTRONICS DEVIC...
HV-T70 GETEDZ-HV-T70 Datasheet
621Kb / 2P
   5.0mA 6.0kV 80nS--Fast Recovery High Voltage Diodes
More results

Similar Description - HV-TMP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HV-BR01 HIROSE-HV-BR01 Datasheet
249Kb / 1P
   HV Series Screw Lock, 65 GHz Hermetic Coaxial Connectors
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
   DC TO 1 GHz, COAXIAL
logo
List of Unclassifed Man...
RFP-150-50SMA-C ETC1-RFP-150-50SMA-C Datasheet
110Kb / 2P
   Cable & Coaxial Terminations
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6709 FILTRONIC-6709 Datasheet
160Kb / 2P
   PHASE SHIFTER DC TO 1 GHZ, COAXIAL
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
   Coaxial DC Block 0.01 to 18 GHz
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com