Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC7-68PD-1.27DS-EJL Datasheet(PDF) 2 Page - Hirose Electric

Part # IC7-68PD-1.27DS-EJL
Description  Single Slot Connector for PC Card Type III
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IC7-68PD-1.27DS-EJL Datasheet(HTML) 2 Page - Hirose Electric

  IC7-68PD-1.27DS-EJL Datasheet HTML 1Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 2Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 3Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 4Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 5Page - Hirose Electric IC7-68PD-1.27DS-EJL Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series Name : IC7
Number of contacts : 68
Board mounting type
PD
: Standard
PDR
: Reverse
Contact pitch : 1.27mm
Board Mounting Type
DS : Right angle Dip
Ejector type
No letter : Without Eject Button
EJR
: Right Eject Button
EJL
: Left Eject Button
A57
sOrdering Information
IC7 - 68 PDR - 1.27 DS - EJR
1
2
6
4
3
5
1
2
3
4
5
6


Similar Part No. - IC7-68PD-1.27DS-EJL

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-0726MF-G4 YAMAICHI-IC70-0726MF-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-1217-G4 YAMAICHI-IC70-1217-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-1217MF-G4 YAMAICHI-IC70-1217MF-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
IC70-1521-G4 YAMAICHI-IC70-1521-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
More results

Similar Description - IC7-68PD-1.27DS-EJL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IC11S-68PL-1.27SF-EJR HIROSE-IC11S-68PL-1.27SF-EJR Datasheet
1Mb / 10P
   Single Slot SMT Connectors For Card-Bus Based PC Cards
logo
Micrel Semiconductor
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
logo
Texas Instruments
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2212IDB TI1-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDBR TI1-TPS2212IDBR Datasheet
484Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
TPS2212IDB TI-TPS2212IDB Datasheet
506Kb / 23P
[Old version datasheet]   SINGLE-SLOT, PARALLEL INTERFACE POWER SWITCH FOR LOW POWER PC CARD SLOTS
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com