Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR31-SC-123 Datasheet(PDF) 1 Page - Hirose Electric

Part # HR31-SC-123
Description  Interface Connectors for Factory Automation Network
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR31-SC-123 Datasheet(HTML) 1 Page - Hirose Electric

  HR31-SC-123 Datasheet HTML 1Page - Hirose Electric HR31-SC-123 Datasheet HTML 2Page - Hirose Electric HR31-SC-123 Datasheet HTML 3Page - Hirose Electric HR31-SC-123 Datasheet HTML 4Page - Hirose Electric HR31-SC-123 Datasheet HTML 5Page - Hirose Electric HR31-SC-123 Datasheet HTML 6Page - Hirose Electric HR31-SC-123 Datasheet HTML 7Page - Hirose Electric HR31-SC-123 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Interface Connectors for Factory Automation Network
HR31 Series
Complies with Device Net requirements
2004.7
s Applications
Power units and communications units of factory automation
related devices
Comparison of plug heights (actual size)
qHirose HR31
qOther manufacturer’s product
s Features
1. Device-Net Compliant
Conforms to requirements of Factory Automation Network Device-Net standards.
Hirose products are distinct from products of made others, as described below.
2 Locking features
The connectors can be supplied with either of the following
locking features:
-Screw lock, using attached screws.
-Snap lock, using built-in feature with a definite click-sensation.
3. Commercially available tools may be used
Use crimp tools conforming to JIS C 9711 standards.
Terminated contacts can be removed using 1 mm dia.
steel pin. and re-inserted.
4. Prevention of deformation of the contacts
When fully inserted, the plug contacts are fully protected by
the walls of the insulator body eliminating a risk of
accidental damage.
12
20
12
20
Total space occupied by mated assemblies
Plug height is 10.2 mm, allowing use of less space
when mounting several connectors
Permanently identified contact positions
Feature
Made by others
Hirose HR31
Reduced number of termination
operations
Number of required operations to
secure receptacle assembly to the
board
High density mounting
Prevention of connection errors
Crimped to commercially available cap connectors,
inserted into housing and fastened by screw.
Connectors are attached by screws from the
opposite side.
No need for screws, built-in locking pin secures
connector to the board
Plug height : 15 mm
Contact positions not identified.
Crimped and connected to terminal then fastened
simply by inserting into housing.
With screw lock
Without screw lock


Similar Part No. - HR31-SC-123

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-SC-121 HIROSE-HR31-SC-121 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
HR31-SC-121 HIROSE-HR31-SC-121 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
More results

Similar Description - HR31-SC-123

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
   Plasma display panel High Speed Interface Factory Automation
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Lumberg
ASBSM4-LED3 LUMBERG-ASBSM4-LED3 Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com