Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8723060U500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 8723060U500
Description  22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8723060U500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  8723060U500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8723060U500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8723060U500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8723 Paired - Shielded Twisted Pair Cable
8723 06010000
2 SH PR #22 PP PVC 10000
200
CHROME
C Y
8723 0601640
2 SH PR #22 PP PVC 1640
32.8
CHROME
8723 0602000
2 SH PR #22 PP PVC 2000
40
CHROME
C
8723 0603280
2 SH PR #22 PP PVC 3280
65.6
CHROME
C
8723 060500
2 SH PR #22 PP PVC 500
10
CHROME
8723 0605000
2 SH PR #22 PP PVC 5000
95
CHROME
C
8723 060U1000
2 SH PR #22 PP PVC U1000
20
CHROME
8723 060U2000
2 SH PR #22 PP PVC U2000
38
CHROME
8723 060U500
2 SH PR #22 PP PVC U500
10.5
CHROME
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN. MAY CONTAIN 2 PIECES. MINIMUM
LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 1
Revision Date: 09-14-2005
© Copyright 2006 Belden, Inc
All Rights Reserved.
Although Belden ("Belden") makes every reasonable effort to ensure their accuracy at the time of this publication, information and
specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described
herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with the following environmental regulations: California Proposition 65 Consent Judgment
For Wire & Cable Mfgs.(San Francisco Superior Court Nos. 312962 And 320342); EU RoHS (Directive 2002/95/EC, 27-Jan-
2003);Material manufactured prior to the compliance date may still be in stock at Belden facilities and in our Distributor's inventory. EU
ELV (Directive 2000/53/EC, 18-Sept-2000); EU WEEE (Directive 2002/96/EC, 27-Jan-2003); And EU BFR (Directive 2003/11/EC, 6-Feb-
2003). The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the
Product Disclosure, is correct to the best of Belden's knowledge, information and belief at the date of its publication. The information
provided in the Product Disclosure is designed only as a general guide for the safe handling, storage, and any other operation of the product
itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification. Regulatory
information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations
based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3


Similar Part No. - 8723060U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8723060U500 ETC2-8723060U500 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation,
More results

Similar Description - 8723060U500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1712701 ETC2-1712701 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
9451SB ETC2-9451SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344972 ETC2-1344972 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
8723 ETC2-8723 Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation,
8723SB ETC2-8723SB Datasheet
103Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1691983 ETC2-1691983 Datasheet
104Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com