Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IT1-252S-SV Datasheet(PDF) 10 Page - Hirose Electric

Part # IT1-252S-SV
Description  High Speed, Matched-Impedance, Parallel Board-to-board Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT1-252S-SV Datasheet(HTML) 10 Page - Hirose Electric

Back Button IT1-252S-SV Datasheet HTML 6Page - Hirose Electric IT1-252S-SV Datasheet HTML 7Page - Hirose Electric IT1-252S-SV Datasheet HTML 8Page - Hirose Electric IT1-252S-SV Datasheet HTML 9Page - Hirose Electric IT1-252S-SV Datasheet HTML 10Page - Hirose Electric IT1-252S-SV Datasheet HTML 11Page - Hirose Electric IT1-252S-SV Datasheet HTML 12Page - Hirose Electric IT1-252S-SV Datasheet HTML 13Page - Hirose Electric IT1-252S-SV Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
2. Recommended Design Guidelines
2-1 Solder Land Pattern
When placing the receptacles on the Printed Circuit Boards using automatic mounting equipment or manually, assure that the
correct diameters of the holes (Fig. 1) are through the entire thickness of the board.
SLocating post hole diameterS
The contacts of receptacle assembly are exposed on the bottom surfaces. The exposed areas of the contacts are a distance
of 0.25 mm minimum from the surface of the Printed Circuit Board, on which the receptacle assembly is placed (Fig.2).
Consideration should be taken not to place or assure insulation of conductive traces under the receptacle assemblies.
Refer to the separate drawings for recommended solder land pattern dimensions of the receptacle, and signals and ground
connection diagram of the transmission module.
2-2 Board-to-Board Spacer heights
The two parallel boards connected by the IT1 connectors should be fastened to additional spacers between them.
Fig. 3 indicates the connector height tolerance and the spacer’s height.
When designing the spacer’s height, consideration should be given to the solder paste thickness and any other features,
which may affect the full mating of the connector.
Fig. 3 indicates design dimensions for the 19 mm board-to-board distance.
Automatic placement / (Locating post hole diameter) C dimension: 1.7 mm
Manual placement
/ (Locating post hole diameter) C dimension: 1.6 mm
/ A position accuracy of +
-0.03 should be exercised from the
center of the hole to contact Number 84.
Fig. 2
Fig. 1 IT1-168S-SV Recommended Solder Land Pattern
(mm)
Fig. 3
(mm)


Similar Part No. - IT1-252S-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT1-252S-SV HIROSE-IT1-252S-SV Datasheet
832Kb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector
IT1-252S-SV HIROSE-IT1-252S-SV Datasheet
538Kb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector
More results

Similar Description - IT1-252S-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT1 HIROSE-IT1 Datasheet
538Kb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector
IT1-168S-SV HIROSE-IT1-168S-SV_1 Datasheet
832Kb / 17P
   High Speed, Matched-Impedance, Parallel Board-to-board Connector
logo
Rosenberger Hochfrequen...
B2BF101-001B5 ROSENBERGER-B2BF101-001B5 Datasheet
122Kb / 2P
   Board to board connector system with
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
   1.25mm Wire-To-Board System
logo
Maxim Integrated Produc...
MAXREFDES64 MAXIM-MAXREFDES64 Datasheet
366Kb / 6P
   System Board
12/8/2014
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
   BOARD TO BOARD CONNECTOR
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
   Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
   Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com