Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN7805 Datasheet(PDF) 2 Page - Mallory performance club

Part # PN7805
Description  MSD-8 Plus Ignition
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN7805 Datasheet(HTML) 2 Page - Mallory performance club

  PN7805 Datasheet HTML 1Page - Mallory performance club PN7805 Datasheet HTML 2Page - Mallory performance club PN7805 Datasheet HTML 3Page - Mallory performance club PN7805 Datasheet HTML 4Page - Mallory performance club PN7805 Datasheet HTML 5Page - Mallory performance club PN7805 Datasheet HTML 6Page - Mallory performance club PN7805 Datasheet HTML 7Page - Mallory performance club PN7805 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
GENERAL INFORMATION
BATTERY
An MSD-8 Plus Ignition Control will operate on any negative ground, 12 volt electrical system with a
distributor. The MSD can be used with 16 volt batteries and can withstand a momentary 24 volts in
case of jump starts. The Ignitions will deliver full voltage with a supply of 10-18 volts.
If your application does not use an alternator, allow at least 30 amp/hour for every half hour of
operation. If the engine is cranked with the same battery or other accessories such as an electric fuel
or water pump, the amp/hour rating should be higher.
COILS
The MSD-8 Plus Ignition must be used with an MSD Pro Power Series Coil. The Pro Power HVC, PN
8251, Pro Power HVC II, PN 8261 or for short duration racing, the PN 8201 Pro Power Coil. If you
have any questions concerning coils, contact our Customer Service Department at (915) 855-7123.
TACHOMETERS
The MSD Ignition features a Tach Output Terminal on the terminal strip. This terminal provides a
trigger signal for tachometers, a shift light or other add-on rpm activated devices. The Tach Output
Terminal produces a 12 volt square wave signal with a 20% duty cycle.
SPARK PLUGS AND WIRES
Spark plug wires are very important to the operation of your ignition system. A good quality, helically
wound wire and proper routing are required to get the best performance
from your ignition, such as the MSD Heli-Core or 8.5mm Super Conductor.
Note: Solid Core spark plug wires cannot be used with an MSD Ignition.
A helically, or spiral wound wire must be used. This style wire provides
a good path for the spark to follow while keeping Electro Magnetic
Interference (EMI) to a minimum. Excessive EMI, such as the amount that
solid core wires produce, will interfere with the operation of the MSD and
other electronics on your car.
MOUNTING
The MSD can be mounted in most positions. It can be mounted in the engine compartment as long
as it is away from direct engine heat sources. It is not recommended to mount the unit in an enclosed
area such as the glovebox.
When you find a suitable location to mount the unit, make sure the wires of the ignition reach their
connections. Hold the Ignition in place and mark the location of the mounting holes. Use a 1/4” drill
bit to drill the holes. Install the vibration mounts to the ignition and mount the unit.
TACH
TERMINAL
Figure 2 Tach Terminal.


Similar Part No. - PN7805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN7024 ETC-PN7024 Datasheet
25Kb / 2P
   Pressure sensors
logo
NXP Semiconductors
PN7120 NXP-PN7120 Datasheet
537Kb / 58P
   NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.5-11 June 2018
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150 NXP-PN7150 Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
More results

Similar Description - PN7805

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
7805 MALLORY-7805 Datasheet
972Kb / 8P
   MSD-8 Plus Ignition
7222 MALLORY-7222 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
62152 MALLORY-62152 Datasheet
1Mb / 16P
   MSD DIS-2 Plus Ignition
PN7222 MALLORY-PN7222 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
PN62112 MALLORY-PN62112 Datasheet
1Mb / 16P
   MSD DIS-2 Plus Ignition
6520 MALLORY-6520 Datasheet
3Mb / 16P
   MSD 7AL-2 Plus Ignition
PN62152 MALLORY-PN62152 Datasheet
1Mb / 16P
   MSD DIS-4 Plus Ignition
PN72223 MALLORY-PN72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
72223 MALLORY-72223 Datasheet
1Mb / 16P
   MSD 7AL-2 Plus Ignition
PN6520 MALLORY-PN6520 Datasheet
3Mb / 24P
   MSD Digital 6 Plus Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com