Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN7910 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN7910
Description  MSD Pro Mag 12 LT Chevrolet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN7910 Datasheet(HTML) 1 Page - Mallory performance club

  PN7910 Datasheet HTML 1Page - Mallory performance club PN7910 Datasheet HTML 2Page - Mallory performance club PN7910 Datasheet HTML 3Page - Mallory performance club PN7910 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSD Pro Mag 12 LT
Chevrolet, PN 7908
Ford, PN 7915
Chrysler, PN 7910
Figure 1 Positioning the Chevrolet Generator.
Anti-Rotation
Collar
PartsIncluded:
1-ProMagLt
1-BilletClamp
1-SetScrew
1-LockWasher
1. Install the set screw into the intake manifold or
engineblock.
2. Installthemagnetointotheengine.OnChevrolet
engines, position it so the hold down clamp
will align with the housing’s anti-rotation collar.
3. Installthebilletclampoverthesetscrewandontothe
collarofthemagneto.Puttheflatwasher,lockwasher
andthenutontothetudandtightentheassembly.
Note: OnChevroletapplications,itisrecommended
tolocatethewiringharnessofthegenerator
towards the left side injector stack (Figure
1).Thisalsoputsthetimingindicatorofthe
magneto ina position that should be easy
to view.Also position the band clamp’s
retaining screw so it points to the leftand
is in the back of the magneto, close to the
firewall.OnFordandChryslerengines,rotate
the base until thepointer is easy to view.
4. Locate which cap terminal is going to bethe
number one cylinder. Mark on thehousing
this location then remove the cap (Figure 2).
5. Loosenthebandclampandpositionthegeneratorso
therotortipisjustleadingintothenumberonecylinder
mark(fromstep4)indicatingthenumberonecylinder
(Figure 3). This will put the timing approximately
2°-3° within TDC or where you havethe timing
set.
Note:Alwaysverifytimingwithatiminglight.
Figure 2 Marking the Number One Location.
Cylinder 1
#1 Cylinder
Location
Timing Indicator
Timing Indicator
1-FlatWasher
1-Nut
2-O-rings(PN7908only)
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN7910

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN7915 MALLORY-PN7915 Datasheet
966Kb / 4P
   MSD Pro Mag 12 LT Chevrolet
PN79153 MALLORY-PN79153 Datasheet
966Kb / 4P
   MSD Pro Mag 12 LT Chevrolet
More results

Similar Description - PN7910

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN79083 MALLORY-PN79083 Datasheet
966Kb / 4P
   MSD Pro Mag 12 LT Chevrolet
PN7904 MALLORY-PN7904 Datasheet
371Kb / 2P
   MSD Pro Mag 12 LT
8139MSD MALLORY-8139MSD Datasheet
407Kb / 4P
   MSD 12 AMP Pro Mag Generator
PN85551 MALLORY-PN85551 Datasheet
489Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8597 MALLORY-PN8597 Datasheet
355Kb / 8P
   MSD Pro-Billet Chevrolet V6 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
85555 MALLORY-85555 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8365 MALLORY-PN8365 Datasheet
747Kb / 8P
   MSD Pro-Billet Chevrolet HEI Distributor
83613 MALLORY-83613 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com