Electronic Components Datasheet Search |
|
824550201 Datasheet(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
824550201 Datasheet(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
6 / 7 page Cautions & Warnings: The following conditions apply to all goods within the product series of WE-TVSP of Würth Elektronik eiSos GmbH & Co. KG: General: All recommendations according to the general technical specifications of the data-sheet have to be complied with. Further the TVS Diode is not designed for voltage stabilization with continuous power dissipation. The disposal and operation of the product within ambient conditions which probably alloy or harm the component surface has to be avoided. The exposure of steam, saline spray, atmosphere with reduced oxygen content, corrosive gases, rain or condensation and direct sunlight shall be prohibited. If the product is potted in customer applications, the potting material might shrink and react chemically during and after hardening. According to this the product is exposed to the pressure and material of the potting material with the effect that the body and termination is possibly damaged by this pressure or the chemically reaction and so the electrical as well as the mechanical characteristics and the life time are in danger to be affected. After the potting material is cured, the body and termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred. The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of the customer. All technical specifications for standard products do also apply for customer specific products. Cleaning agents that are used to clean the application might damage or change the characteristics of the component, body, pins or termination and might reduce the life time. Direct mechanical impact to the product shall be prevented as the material of the body could flake or in the worst case it could break. Signals operated continuously with a high ratio of direct-current voltage might have an influence on the product life time. Product specific: Follow all instructions mentioned in the data sheet, especially: • The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be sustained. • All products shall be used before the end of the period of 12 months based on the product date-code, if not a 100% solderability can not be warranted. • Violation of the technical product specifications such as exceeding the nominal rated voltage will result in the loss of warranty. The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and reliable; however, no responsibility is assumed for inaccuracies or incompleteness. Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD WE WE DIN ISO 2768-1m DESCRIPTION WE-TVSP Power TVS Diode ORDER CODE 824550201 SIZE REVISION STATUS DATE BUSINESS UNIT PAGE DO-214AB 001.000 Draft 2015-11-06 eiSos 6/7 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Similar Part No. - 824550201 |
|
Similar Description - 824550201 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |