Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8130 Datasheet(PDF) 7 Page - Mallory performance club

Part # PN8130
Description  MSD 44 Amp Pro Mag Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8130 Datasheet(HTML) 7 Page - Mallory performance club

  PN8130 Datasheet HTML 1Page - Mallory performance club PN8130 Datasheet HTML 2Page - Mallory performance club PN8130 Datasheet HTML 3Page - Mallory performance club PN8130 Datasheet HTML 4Page - Mallory performance club PN8130 Datasheet HTML 5Page - Mallory performance club PN8130 Datasheet HTML 6Page - Mallory performance club PN8130 Datasheet HTML 7Page - Mallory performance club PN8130 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
USER INFORMATION
7
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
V-NET
CABLE
MSD
CAN
LEGACY
IGNITION
SWITCHED IGNITION 12V
GREEN - STEP 5
LT. GREEN - STEP 4
TAN - STEP 3
VIOLET - STEP 2
PINK - STEP 1
BLUE - LAUNCH
LT. BLUE - BURN OUT
BRN/WHITE
RPM/TIME SWITCH
WHITE - POINTS IN (NOT USED)
GRAY - TACH
YELLOW - SHIFT LIGHT
GREEN
GREEN
VIOLET
VIOLET
RED
NOT USED
WHITE
ORANGE
BLACK
MSD RPM
RECEPTICAL
VIOLET
NOT USED
IGNITION
BLACK
RED
CHASSIS
GROUND
TO GROUND
ON CYLINDER HEAD
12V
12V
12V
12V
SHIFT OR FUEL
SOLENOID
LINE LOCK SWITCH
TRANSBRAKE OR CLUTCH SWITCH
LT. BLUE - BURN OUT
+
-
BATTERY
POSITIVE
BATTERY
NEGATIVE
GREEN
WHITE
VIOLET
VIOLET
BARE
BLACK
OR
3-WIRE LEAHY
CURVED CRANK
TRIGGER
MAG PICKUP
CONNECTOR
Figure 11


Similar Part No. - PN8130

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8102 MALLORY-PN8102 Datasheet
195Kb / 2P
   MSD 12 Amp Pro Mag Points Box Quick Release Backing Plate
logo
Wuxi Chipown Micro-elec...
PN8106 CHIPOWN-PN8106 Datasheet
300Kb / 8P
   Low Standby-Power Off-line PWM converters
Rev.B
logo
Mallory performance clu...
PN8110 MALLORY-PN8110 Datasheet
79Kb / 2P
   Billet Distributor Hold Down Clamp
PN8142 MALLORY-PN8142 Datasheet
111Kb / 2P
   Pro Mag 44 Coil
PN81423 MALLORY-PN81423 Datasheet
111Kb / 2P
   Pro Mag 44 Coil
More results

Similar Description - PN8130

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
81403 MALLORY-81403 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81305 MALLORY-81305 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
8130 MALLORY-8130 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81405 MALLORY-81405 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
8140MSD MALLORY-8140MSD Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81407 MALLORY-81407 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81303 MALLORY-81303 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81307 MALLORY-81307 Datasheet
824Kb / 8P
   MSD 44 Amp Pro Mag Generator
81602 MALLORY-81602 Datasheet
637Kb / 4P
   MSD 20 Amp Pro Mag Generator
8139MSD MALLORY-8139MSD Datasheet
407Kb / 4P
   MSD 12 AMP Pro Mag Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com