Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46LD16320A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS46LD16320A
Description  Four-bit Pre-fetch DDR Architecture
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LD16320A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS46LD16320A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 143 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00C
8/11/2014
IS43/46LD16320A
IS43/46LD32160A
168-ball FBGA - 12mm x 12mm (x32), 0.5mm pitch
Note:
1. Balls labeled Vss1 (at coordinates B5, B8, F2, J2, AC9) may be connected to Vss or left unconnected.
2. Balls indicated as (NC) are no connects.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
Top View (ball down)
1
DNU
DNU
VSS
NC
NC
NC
1
NC
NC
NC
1
NC
NC
NC
NC
ZQ
VSS
CA9
CA7
VSSCA
CA5
CK#
VSS
DNU
DNU
1
2
DNU
DNU
VDD2
NC
NC
VSS
NC
NC
VSS
NC
NC
VSS
VDD1
VREFCA
VDD2
CA8
VDDCA
CA6
VDDCA
CK
VDD2
DNU
DNU
2
4
NC
NC
NC
NC
4
3
NC
VDD1
CS#
CKE
3
5
NC
VSS
VDD1
VSS
5
6
NC
NC
CA1
CA0
6
7
NC
NC
VSSCA
CA2
7
8
NC
VSS
CA3
VDDCA
8
9
NC
1
NC
CA4
VSS
9
11
VDD1
VDD2
VSS
NC
11
13
DQ30
VDDQ
VDDQ
DQ17
13
14
DQ29
DQ28
DQ18
DQ19
14
15
VSSQ
DQ27
DQ20
VSSQ
15
16
DQ26
VDDQ
VDDQ
DQ21
16
22
DNU
DNU
DQ15
VDDQ
DQ12
DQ11
VDDQ
DQ8
DQS1
VDDQ
VDD2
VREFDQ
VDD1
DQS#0
VDDQ
DQ6
DQ5
VDDQ
DQ2
DQ1
VDDQ
DNU
DNU
22
23
DNU
DNU
VSSQ
DQ14
DQ13
VSSQ
DQ10
DQ9
VSSQ
DQS#1
DM1
VSS
DM0
VSSQ
DQS0
DQ7
VSSQ
DQ4
DQ3
VSSQ
DQ0
DNU
DNU
23
10
NC
VSS
VDD2
NC
1
10
12
VSSQ
DQ31
DQ16
VSSQ
12
18
VSSQ
DQS3
DQS2
VSSQ
18
19
DQS#3
VDDQ
VDDQ
DQS#2
19
20
VDD1
DM3
DM2
VDD1
20
21
VSS
VDD2
VDD2
VSS
21
17
DQ25
DQ24
DQ22
DQ23
17
1


Similar Part No. - IS46LD16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LD16160A ISSI-IS46LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
IS46LD16640A ISSI-IS46LD16640A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
More results

Similar Description - IS46LD16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16640A ISSI-IS43LD16640A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Cypress Semiconductor
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18_1106 CYPRESS-CY7C1317KV18_1106 Datasheet
779Kb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture 333-MHz clock for high bandwidth
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
AS4DDR232M72APBG MICROSS-AS4DDR232M72APBG Datasheet
1Mb / 28P
   4-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com