Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46LD16320A Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS46LD16320A
Description  Four-bit Pre-fetch DDR Architecture
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LD16320A Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS46LD16320A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LD16320A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 143 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. 00C
8/11/2014
IS43/46LD16320A
IS43/46LD32160A
inpUt/oUtpUt FUnCtionAL desCRiption
pad definition and description
Name
Type
Description
CK_t, CK_c Input
Clock: CK_t and CK_c are differential clock inputs. All Double Data Rate (DDR) CA
inputs are sampled on both positive and negative edge of CK_t. Single Data Rate (SDR)
inputs, CS_n and CKE, are sampled at the positive Clock edge.
Clock is defined as the differential pair, CK_t and CK_c. The positive Clock edge is
defined by the crosspoint of a rising CK_t and a falling CK_c. The negative Clock edge is
defined by the crosspoint of a falling CK_t and a rising CK_c.
CKE
InputClock Enable: CKE HIGH activates and CKE LOW deactivates internal clock signals and
therefore device input buffers and output drivers. Power savings modes are entered and
exited through CKE transitions.
CKE is considered part of the command code. See Command Truth Table for command
code descriptions.
CKE is sampled at the positive Clock edge.
CS_n
Input
Chip Select: CS_n is considered part of the command code. See Command Truth Table
for command code descriptions.
CS_n is sampled at the positive Clock edge.
CA0 - CA9Input
DDR Command/Address Inputs: Uni-directional command/address bus inputs.
CA is considered part of the command code. See Command Truth Table for command
code descriptions.
DQ0 - DQ15
(x16)
DQ0 - DQ31
(x32)
I/OData Inputs/Output: Bi-directional data bus
DQS0_t,
DQS0_c,
DQS1_t,
DQS1_c
(x16)
DQS0_t -
DQS3_t,
DQS0_c -
DQS3_c
(x32)
I/O
Data Strobe (Bi-directional, Differential): The data strobe is bi-directional (used for
read and write data) and differential (DQS_t and DQS_c). It is output with read data and
input with write data. DQS_t is edge-aligned to read data and centered with write data.
For x16, DQS0_t and DQS0_c correspond to the data on DQ0 - DQ7; DQS1_t and
DQS1_c to the data on DQ8 - DQ15.
For x32 DQS0_t and DQS0_c correspond to the data on DQ0 - DQ7, DQS1_t and
DQS1_c to the data on DQ8 - DQ15, DQS2_t and DQS2_c to the data on DQ16 - DQ23,
DQS3_t and DQS3_c to the data on DQ24 - DQ31.
DM0-DM1
(x16)
DM0 - DM3
(x32)
Input
Input Data Mask: For LPDDR2 devices that do not support the DNV feature, DM is the
input mask signal for write data. Input data is masked when DM is sampled HIGH
coincident with that input data during a Write access. DM is sampled on both edges of
DQS_t. Although DM is for input only, the DM loading shall match the DQ and DQS_t (or
DQS_c).
DM0 is the input data mask signal for the data on DQ0-7.
For x16 and x32 devices, DM1 is the input data mask signal for the data on DQ8-15.
For x32 devices, DM2 is the input data mask signal for the data on DQ16-23 and DM3 is
the input data mask signal for the data on DQ24-31.


Similar Part No. - IS46LD16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LD16160A ISSI-IS46LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
IS46LD16640A ISSI-IS46LD16640A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
More results

Similar Description - IS46LD16320A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16640A ISSI-IS43LD16640A Datasheet
6Mb / 143P
   Four-bit Pre-fetch DDR Architecture
logo
Winbond
W97AH6KB WINBOND-W97AH6KB Datasheet
2Mb / 127P
   Four-bit prefetch DDR architecture
logo
Cypress Semiconductor
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1521KV18 CYPRESS-CY7C1521KV18 Datasheet
747Kb / 29P
   72-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_12 Datasheet
465Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1317KV18_1106 CYPRESS-CY7C1317KV18_1106 Datasheet
779Kb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture 333-MHz clock for high bandwidth
logo
Micross Components
MYX4DDR364M16JT MICROSS-MYX4DDR364M16JT Datasheet
7Mb / 128P
   8n-bit prefetch architecture
AS4DDR232M72APBG MICROSS-AS4DDR232M72APBG Datasheet
1Mb / 28P
   4-bit prefetch architecture
logo
Micron Technology
MT41K512M4 MICRON-MT41K512M4 Datasheet
2Mb / 207P
   8n-bit prefetch architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com