Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1504AJ77U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1504AJ77U1000
Description  22 AWG stranded (19x34) TC conductors, PVC insulation, dual twisted pairs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1504AJ77U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1504AJ77U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1504AJ77U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1504AJ77U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
10/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
45
Nom. Inductance:
Inductance (µH/m)
0.59058
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
187.017
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
328.1
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/m)
4.9215
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
44.9497
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
59.058
Max. Operating Voltage - UL:
Voltage
150 V RMS
Max. Recommended Current:
Current
2.9 Amps per conductor @ 25°C
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1504A Multi-Conductor - Double-Pair Cable


Similar Part No. - 1504AJ77U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1504A BELDEN-1504A Datasheet
192Kb / 2P
   Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
1504A-0531000 BELDEN-1504A-0531000 Datasheet
192Kb / 2P
   Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
1504A-0532000 BELDEN-1504A-0532000 Datasheet
192Kb / 2P
   Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
1504A-053U1000 BELDEN-1504A-053U1000 Datasheet
192Kb / 2P
   Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
1504A-A5Q2000 BELDEN-1504A-A5Q2000 Datasheet
192Kb / 2P
   Audio Cable, #22-2pr, TC, O/A Foil, CM
01-20-2023
More results

Similar Description - 1504AJ77U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345178 ETC2-1345178 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs
1345886 ETC2-1345886 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs
1344219 ETC2-1344219 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs
1351875 ETC2-1351875 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polypropylene insulation, twisted pairs
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
5542FE ETC2-5542FE Datasheet
97Kb / 3P
   22 AWG bare copper conductors, PVC insulation, conductors twisted into pairs
1346000 ETC2-1346000 Datasheet
101Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com