Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46LR16160G Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46LR16160G
Description  Fully differential clock inputs
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46LR16160G Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46LR16160G Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46LR16160G Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
IS43/46LR16160G
11
Rev. A | November 2013
www.issi.com - dram@issi.com
4M x 16Bits x 4Banks Mobile DDR SDRAM
Description
The IS43/46LR16160G is 268,435,456 bits CMOS Mobile Double Data Rate Synchronous DRAM organized as 4 banks of 4,194,304 words x
16 bits. This product uses a double-data-rate architecture to achieve high-speed operation. The Data Input/ Output signals are transmitted
on a 16-bit bus. The double data rate architecture is essentially a 2
N prefetch architecture with an interface designed to transfer two data
words per clock cycle at the I/O pins. This product offers fully synchronous operations referenced to both rising and falling edges of the clock.
The data paths are internally pipelined and 2n-bits prefetched to achieve very high bandwidth. All input and output voltage levels are
compatible with LVCMOS.
Features
• JEDEC standard 1.8V power supply
• VDD = 1.8V, VDDQ = 1.8V
• Four internal banks for concurrent operation
• MRS cycle with address key programs
- CAS latency 2, 3 (clock)
- Burst length (2, 4, 8, 16)
- Burst type (sequential & interleave)
• Fully differential clock inputs (CK, /CK)
• All inputs except data & DM are sampled at the rising
edge of the system clock
• Data I/O transaction on both edges of data strobe
• Bidirectional data strobe per byte of data (DQS)
• DM for write masking only
• Edge aligned data & data strobe output
• Center aligned data & data strobe input
• 64ms refresh period (8K cycle)
• Auto & self refresh
• Concurrent Auto Precharge
• Maximum clock frequency up to 200MHZ
• Maximum data rate up to 400Mbps/pin
• Power Saving support
- PASR (Partial Array Self Refresh)
- Auto TCSR (Temperature Compensated Self Refresh)
- Deep Power Down Mode
- Programmable Driver Strength Control by Full Strength
or 3/4, 1/2, 1/4, or 1/8 of Full Strength
• Status Register Read (SRR)
• LVCMOS compatible inputs/outputs
• 60-Ball FBGA package
Copyright © 2013 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS46LR16160G

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46LR16160F ISSI-IS46LR16160F Datasheet
1Mb / 45P
   Fully differential clock inputs
More results

Similar Description - IS46LR16160G

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LR16160F ISSI-IS43LR16160F Datasheet
1Mb / 45P
   Fully differential clock inputs
logo
Elpida Memory
EDJ1108DJBG ELPIDA-EDJ1108DJBG Datasheet
448Kb / 33P
   Differential clock inputs
EDJ1108EJBG ELPIDA-EDJ1108EJBG Datasheet
525Kb / 32P
   Differential clock inputs
EDJ2108EDBG ELPIDA-EDJ2108EDBG Datasheet
1Mb / 150P
   Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
   Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
   Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
   Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
   Differential clock inputs
EDJ4204BFBG ELPIDA-EDJ4204BFBG Datasheet
526Kb / 32P
   Differential clock inputs
logo
Integrated Device Techn...
8SLVP2106 IDT-8SLVP2106 Datasheet
521Kb / 24P
   Two differential clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com