Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF14B-WPS01-0200 Datasheet(PDF) 2 Page - Hirose Electric

Part # MF14B-WPS01-0200
Description  Harsh Environment Fiber Optic Connectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MF14B-WPS01-0200 Datasheet(HTML) 2 Page - Hirose Electric

  MF14B-WPS01-0200 Datasheet HTML 1Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 2Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 3Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 4Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 5Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 6Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 7Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 8Page - Hirose Electric MF14B-WPS01-0200 Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
56
Part
Material
Plug and Receptacle Housing
Aluminum alloy
Ferrule case
Synthetic resin
Strain relief
Zinc alloy
Protective cap and clamp
Brass
Rubber boot and O-rings
Synthetic rubber
Screws, springs, and steel wire
Stainless steel
Washer
Brass
Split sleeve
Zirconia or Copper alloy
sProduct Specifications
Ratings
Operating temperature range
Note: Insertion loss herein means only connection loss.
-25°C to +70°C
Storage temperature range
-25°C to +70°C
sMaterials
Item
Test Method
Specifications
Insertion Loss
Wavelength 1310nm (LD)
1.0dB max. (Note)
Durability
100 times
(cycles, mating/un-mating)
Vibration
Shock
Humidity
-10°C to 65°C, humidity: 90% to 96% 10 cycles
(Temperature/ humidity- cycles)
Change of temperature
-40°C to +75°C 42 cycles
Dry heat
960 hours at 85°C
Cold
960 hours at -40°C
Salt Mist
1000 hours in a 5% concentration of salt mist
No visible corrosion.
Waterproof
Inside air pressure 4.90kPa for one minute
No air bubble leakege, IP67
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
acceleration of 98.1m/s2, 2 hours in each of the 2 axis.
Acceleration of 981 m/s2, 6 ms duration, sine half-
wave waveform, 3 cycles in each of the 2 axis.
1) Insertion loss fluctuation after test: 0.3dB max.
2) No visible damage, dislocation of clamp or cable.
1) Insertion loss fluctuation after (test) : 0.3dB max.
2) No visible damage, dislocation of clamp or cable.
s Important Notice
1. Please ask HIROSE when you assemble the MF connectors for special cables.
Some cables can not be used for the connectors.
2. MF series use SC/PC zirconia ferrules. Please see page 33.


Similar Part No. - MF14B-WPS01-0200

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MF14BCT52AR20B KOA-MF14BCT52AR20B Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
MF14BCT52AR20C KOA-MF14BCT52AR20C Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
MF14BCT52AR20D KOA-MF14BCT52AR20D Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
MF14BCT52AR20F KOA-MF14BCT52AR20F Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
MF14BCT52AR20G KOA-MF14BCT52AR20G Datasheet
271Kb / 2P
   general purpose metal film leaded resistor
More results

Similar Description - MF14B-WPS01-0200

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
   Harsh environment
07.22.15
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
   AC - HARSH Environment
OA2547 ORIONFANS-OA2547 Datasheet
304Kb / 1P
   AC - Harsh Environment
logo
PowerDynamics, Inc
PD-HEC2-FPC-P POWERDYNAMICS-PD-HEC2-FPC-P Datasheet
211Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-P-W POWERDYNAMICS-PD-HEC2-FPC-P-W Datasheet
479Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-FCC POWERDYNAMICS-PD-HEC-FCC Datasheet
189Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC-MCC POWERDYNAMICS-PD-HEC-MCC Datasheet
191Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-MCC-4 POWERDYNAMICS-PD-HEC2-MCC-4 Datasheet
236Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
PD-HEC2-FPC-S POWERDYNAMICS-PD-HEC2-FPC-S Datasheet
209Kb / 1P
   HARSH ENVIRONMENT CONNECTOR
logo
ORION FANS
OA205 ORIONFANS-OA205 Datasheet
281Kb / 1P
   AC - Harsh Environment
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com