Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC-SR-D2 Datasheet(PDF) 3 Page - Hirose Electric

Part # HSC-SR-D2
Description  SC Type Fiber Optic Connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC-SR-D2 Datasheet(HTML) 3 Page - Hirose Electric

  HSC-SR-D2 Datasheet HTML 1Page - Hirose Electric HSC-SR-D2 Datasheet HTML 2Page - Hirose Electric HSC-SR-D2 Datasheet HTML 3Page - Hirose Electric HSC-SR-D2 Datasheet HTML 4Page - Hirose Electric HSC-SR-D2 Datasheet HTML 5Page - Hirose Electric HSC-SR-D2 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
27
0.9 mm fiber Type
HSC2-PH0.9-E1,E2
Short length type
(For Cable Diameter: 2 mm)
HSC2-PH2-E1-A
Strain relief
(For Cable Diameter: 2 mm & 3mm)
HSC2-PH2-E1,E2,E5
HSC2-PH3-B1,B2,B5
Short length type
(For Cable Diameter: 3mm)
HSC2-PH3-A
sFunction diagram
Simplex type
HSC2-8SR-1
HSC2-8SR-D1
Simplified receptacle
<Tool Insertion/Extraction Connectors>
SC2 type plug housing
4-Position Adapter
Panel Mounting type
HSC2-4A
HSC2-4A-D1
5-Position Adapter
Panel Mounting type
HSC2-5A
Adapter
SC type plug housing
Short length type
(For Cable Diameter: 3mm)
HSC-PH3-A4
Short length type
(For Cable Diameter: 2mm)
HSC-PH2-E1-A
0.9 mm fiber
Light weight type
HSC-PH0.9-E1,E2,E5
Strain relief type
(For Cable Diameter: 2 mm & 3mm)
HSC-PH2-E1,E2,E5
HSC-PH3-B1,B2,B5
Conversion adapter
- FC jack to SC Plug
HSCP-HRFCJ-1, 2
HSCP-HRFCJ-1AS, 2AS
Die Cast Housing Products
HSC-A2
HSC-A2-D1
Plastic Housing Products
HSC-A3
HSC-A3-D1
HSC-A3-D2
Conversion adapter
Adapter-Panel Mounting
FC to SC - Screw Mounting
HSCJ-HRFCJ-B
FC to SC - Panel Mounting
HSCJ-HRFCJ-C
ST to SC - Screw Mounting
HSCJ-HSTJ-B
HSC-SR-1,D1
HSC-SR-2,D2
HSC-R1-B,R2-B
Simplified receptacle
Receptacle


Similar Part No. - HSC-SR-D2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-SR-D2 HIROSE-HSC-SR-D2 Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
More results

Similar Description - HSC-SR-D2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
PANDUIT CORP.
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
   SC Mini-Com짰 Fiber Optic Adapter Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com